Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM34 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
LM34 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 27 page LM34 SNIS161D – MARCH 2000 – REVISED JANUARY 2016 www.ti.com Electrical Characteristics: LM34A and LM34CA (continued) Unless otherwise noted, these specifications apply: −50°F ≤ TJ ≤ 300°F for the LM34 and LM34A; −40°F ≤ TJ ≤ 230°F for the LM34C and LM34CA; and 32°F ≤ TJ ≤ 212°F for the LM34D. VS = 5 Vdc and ILOAD = 50 µA in the circuit of Full-Range Fahrenheit Temperature Sensor; 6 Vdc for LM34 and LM34A for 230°F ≤ TJ ≤ 300°F. These specifications also apply from 5°F to TMAX in the circuit of Basic Fahrenheit Temperature Sensor (5°F to 300°F). LM34A LM34CA PARAMETER TEST CONDITIONS UNIT MIN TYP MAX MIN TYP MAX Tested Limit 90 90 VS = 5 V, TA = 77°F Design Limit µA 75 75 Tested Limit VS = 5 V Design Limit 160 139 µA 131 116 Quiescent current(6) Tested Limit 92 92 VS = 30 V, TA = 77°F Design Limit µA 76 76 Tested Limit VS = 30 V Design Limit 163 142 µA 132 117 Tested Limit 2 2 4 V ≤ VS ≤ 30 V, TA = 77°F Design Limit µA 0.5 0.5 Change of quiescent current(5) Tested Limit 5 V ≤ VS ≤ 30 V Design Limit 3 3 µA 1 1 Tested Limit Temperature coefficient Design Limit 0.5 0.5 µA/°F of quiescent current 0.3 0.3 Tested Limit In circuit of Basic Fahrenheit Minimum temperature for Temperature Sensor (5°F to Design Limit 5 5 °F rated accuracy 300°F), IL = 0 TA = 77°F 3 3 Long-term stability TJ = TMAX for 1000 hours ±0.16 ±0.16 °F (6) Quiescent current is defined in the circuit of Basic Fahrenheit Temperature Sensor (5°F to 300°F). 6 Submit Documentation Feedback Copyright © 2000–2016, Texas Instruments Incorporated Product Folder Links: LM34 |
Número de pieza similar - LM34 |
|
Descripción similar - LM34 |