Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3242 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3242
Descripción Electrónicos  750mA Miniature Adjustable Step-Down DC-DC Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3242 Datasheet(HTML) 5 Page - Texas Instruments

  LM3242 Datasheet HTML 1Page - Texas Instruments LM3242 Datasheet HTML 2Page - Texas Instruments LM3242 Datasheet HTML 3Page - Texas Instruments LM3242 Datasheet HTML 4Page - Texas Instruments LM3242 Datasheet HTML 5Page - Texas Instruments LM3242 Datasheet HTML 6Page - Texas Instruments LM3242 Datasheet HTML 7Page - Texas Instruments LM3242 Datasheet HTML 8Page - Texas Instruments LM3242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM3242
www.ti.com
SNOSB48E – OCTOBER 2011 – REVISED AUGUST 2015
6.5 Electrical Characteristics
All typical limits in are for TA = TJ = 25°C; all minimum and maximum limits apply over the full operating ambient temperature
range (
−30°C ≤ TA = TJ ≤ +90°C). Unless otherwise noted, all specifications apply to the Typical Application with VIN = EN =
3.6 V, and BPEN = NC = 0 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB,MIN
Feedback voltage at
PWM mode, VCON = 0.16 V(1)
0.38
0.4
0.42
V
minimum setting
VFB,MAX
Feedback voltage at
PWM mode, VCON = 1.44 V, VIN = 4 V
3.55
3.6
3.65
V
maximum setting
ISHDN
Shutdown supply current
EN = SW = VCON = FB = BPEN = NC = 0 V(2)
0.1
1
µA
IQ_PWM
PWM mode quiescent
PWM mode, No switching
650
795
µA
current
VCON = 0.13 V, FB = 1 V(3)
EN = VIN, BPEN = NC = 0 V, SW = TriState
µA
IQ_SLEEP
Low-power SLEEP mode
60
80
VCON < 0.08 V(3)
IQ_ECO
ECO mode Quiescent
ECO mode, No switching
60
80
µA
current
VCON = 0.8 V, FB = 2.05 V(3)
RDSON (P)
Pin-pin resistance for PFET
VIN = VGS = 3.6 V, ISW = 200 mA
170
260
m
RDSON (N)
Pin-pin resistance for NFET VIN = VGS = 3.6 V, ISW = −200 mA
110
200
m
Pin-Pin resistance for
RDSON (BP)
VIN = VGS = 3.1 V, ISW = −200 mA
80
110
m
BPFET
ILIM P
PFET switch peak current
See(4)
1300
1450
1600
mA
limit
BPFET switch peak current
ILIM BP
VFB = VIN − 1 V
(4)
310
400
mA
limit
FOSC
Internal oscillator frequency
5.7
6
6.3
MHz
VIH
EN, BPEN logic high input
1.2
V
threshold
VIL
EN, BPEN logic low input
0.4
V
threshold
Gain
VCON to VOUT gain
0.16 V
≤ VCON ≤ 1.44 V(5)
2.5
V/V
IVCON
VCON pin leakage current
VCON = 1 V
±1
µA
Auto bypass detection
VCON = 1.2 V (VOUT-SET = 3 V)
VBP,NEG
165
200
235
mV
negative threshold
VIN = 3.2 V, RL = 6 Ω, IOUT = 500 mA
(6)
Auto bypass detection
VCON = 1.2 V (VOUT-SET = 3 V)
VBP,POS
215
250
285
mV
positive threshold
VIN = 3.25 V, RL = 6 Ω, IOUT = 500 mA
(7)
Auto bypass IOUT slew
IBP,SLEW
BPEN = High, Forced bypass
1600
mA
current
(1)
All 0.4-V VOUT specifications are at steady-state only.
(2)
Shutdown current includes leakage current of PFET.
(3)
IQ specified here is when the part is not switching under test mode conditions. For operating quiescent current at no load, refer to
Typical Characteristics.
(4)
Current limit is built-in, fixed, and not adjustable.
(5)
Care must be taken to keep the VCON pin voltage less than the VIN pin voltage as this can place the part into a manufacturing test
mode.
(6)
Entering Bypass mode VIN is compared to the programmed output voltage (2.5 × VCON). When VIN − (2.5 × VCON) falls below VBP,NEG
longer than TBP,NEG, the Bypass FET turns on, and the switching FET turns on.
(7)
Bypass mode is exited when VIN − (2.5 × VCON) exceeds VBP,POS longer than TBP,POS, and PWM mode resumes. The hysteresis for
the bypass detection threshold VBP,POS – VBP,NEG is always positive and will be approximately 50 mV.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3242


Número de pieza similar - LM3242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3242 TI1-LM3242 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI-LM3242_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
More results

Descripción similar - LM3242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3241 TI1-LM3241_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
REVISED APRIL 2013
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
[Old version datasheet]   LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com