Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3401 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3401
Descripción Electrónicos  Hysteretic PFET Controller for High Power LED Drive
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3401 Datasheet(HTML) 5 Page - Texas Instruments

  LM3401 Datasheet HTML 1Page - Texas Instruments LM3401 Datasheet HTML 2Page - Texas Instruments LM3401 Datasheet HTML 3Page - Texas Instruments LM3401 Datasheet HTML 4Page - Texas Instruments LM3401 Datasheet HTML 5Page - Texas Instruments LM3401 Datasheet HTML 6Page - Texas Instruments LM3401 Datasheet HTML 7Page - Texas Instruments LM3401 Datasheet HTML 8Page - Texas Instruments LM3401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5.0
5.2
5.4
5.6
5.8
6.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (qC)
19
19.4
19.8
20.2
20.6
21
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
0.17
0.18
0.19
0.20
0.21
0.22
0.23
-50
-25
0
25
50
75
100
125
50 mV
TEMPERATURE (qC)
500 mV
4 Ps/DIV
VIN
5V/Div
VCS
10V/Div
ILED
100 mA/Div
0. 195
0. 197
0. 199
0. 201
0. 203
0. 205
-50
-25
0
25
50
75
100
125
TEMPERATURE (qC)
19.6
19.85
20.1
20.35
20.6
0
5
10
15
20
25
30
35
20.85
INPUT VOLTAGE (V)
LM3401
www.ti.com
SNVS516C – AUGUST 2007 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, VIN = 24V, TA = 25°C.
VREF vs Temperature
HYS Current vs VIN
Figure 2.
Figure 3.
HYS Multiplier vs Temperature
Startup Waveforms
Figure 4.
Figure 5.
ILIM Sink Current vs Temperature
HYS Current vs Temperature
Figure 6.
Figure 7.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3401


Número de pieza similar - LM3401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
387Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401 TI-LM3401 Datasheet
1Mb / 27P
[Old version datasheet]   LM3401 Hysteretic PFET Controller for High Power LED Drive
LM3401 TI1-LM3401 Datasheet
549Kb / 23P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
401Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Shanghai Leiditech Elec...
LM3401 LEIDITECH-LM3401 Datasheet
493Kb / 3P
   P-Channel Enhancement-ModeMOS FETs
More results

Descripción similar - LM3401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3401 TI1-LM3401 Datasheet
549Kb / 23P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401_08 Datasheet
401Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
LM3401 NSC-LM3401 Datasheet
387Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401MM TI-LM3401MM Datasheet
1Mb / 27P
[Old version datasheet]   LM3401 Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com