Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3435 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM3435
Descripción Electrónicos  Compact Sequential Mode RGB LED Driver with I2C Control Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3435 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3435_13 Datasheet HTML 6Page - Texas Instruments LM3435_13 Datasheet HTML 7Page - Texas Instruments LM3435_13 Datasheet HTML 8Page - Texas Instruments LM3435_13 Datasheet HTML 9Page - Texas Instruments LM3435_13 Datasheet HTML 10Page - Texas Instruments LM3435_13 Datasheet HTML 11Page - Texas Instruments LM3435_13 Datasheet HTML 12Page - Texas Instruments LM3435_13 Datasheet HTML 13Page - Texas Instruments LM3435_13 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LM3435
SNVS724C – JUNE 2011 – REVISED MAY 2013
www.ti.com
The flyback converter of LM3435 employs a proprietary Projected On-Time (POT) control scheme to determine
the on-time of the main N-channel MOSFET with respect to the input and output voltages together with an
external switching frequency setting resistor connected to RT pin, RRT. POT control use information of the current
passing through RRT from VOUT, voltage information of VOUT and VIN to find an appropriate on-time for the
circuit operations. During the on-time period, the inductor connecting to the flyback converter is charged up and
the output capacitor is discharged to supply power to the LED. A cycle-by-cycle current limit of typical 6A is
imposed on the main N-channel MOSFET for protection. After the on-time period, the main N-channel MOSFET
is turned off and the synchronous P-channel MOSFET is turned on in order to discharge the inductor. The off
state will last until VOUT is dropped below a reference voltage. Such reference voltage is derived from the
required LED current to be regulated at a particular LED channel. The flyback converter under POT control can
maintain a fairly constant switching frequency that depends mainly on value of the resistor connected across
VOUT and RT pins, RRT. The relationship between the flyback converter switching frequency, FSW and RRT is
approximated by the following relationship:
RRT in Ω and FSW in kHz
(1)
In addition, POT control requires no external compensation and achieves fast transient response of the output
voltage changes that perfectly matches the requirements of a sequential RGB LED driver. The POT flyback
converter only operates at Continuous Conduction Mode. Dead-time between main MOSFET and synchronous
MOSFET switching is adaptively controlled by a minimum non-overlap timer to prevent current shoot through.
Initial VOUT will be regulated at around 3.2V to 3.5V above VIN before any control signals being turned on.
Three small capacitors connected to CR, CG and CB pins are charged by an internal current source and act as
soft-start capacitors of the flyback converter during start-up. Once initial voltage of VOUT is settled, the
capacitors will be used as a memory element to store the VOUT information for each channel respectively. This
information will be used for VOUT regulation of respective LED channel during channel switching. In between the
channel switching, a small I2C programmable blank out time of 5 µs to 35 µs is inserted so that the LED current
is available after the correct VOUT for the color is stabilized. This control scheme ensures the minimal voltage
headroom for different color LED and hence best conversion efficiency can be achieved.
HIGH CURRENT REGULATORS
The LM3435 contains three internal current regulators powered by the output of the synchronous Flyback
Converter, VOUT. Three low side power MOSFETs are included. These current regulators control the current
supplied to the LED channels individually and maintain accurate current regulation by internal feedback and
control mechanism. The regulation is achieved by a Gm-C circuit comparing the sensing voltage of the internal
passing N-channel MOSFET and an internal LED current reference voltage generated from the external
reference current setting resistor, RIREFx connect to IREFG, IREFB or IREFR pin, of the corresponding LED
channel. The nominal maximum LED current is governed by the equation in below:
RIREFx in Ω and ILEDx in Ampere
(2)
The LED current setting can be in the range of 0.5A up to 2A maximum. The nominal maximum of the device is
1.5A and for applications need higher than 1.5A LED current, VIN and thermal constrains must be complied. The
actual LED current can be adjusted on-the-fly by the internal ten bits register for individual channel. The content
of these registers are user programmable via I2C bus connection. The user can control the LED output current
on-the-fly during normal operation. The resolution is 1 out of 1024 part of the LED current setting. The user can
program the registers in the range of 1(001H) to 1023(3FFH) for each channel independently, provided the
converter is not entered the Discontinuous Conduction Mode. Whenever the converter operation entered the
Discontinuous Conduction Mode, the regulation will be deteriorated. A value of “0” may cause false fault
detection, so it must be avoided.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3435


Número de pieza similar - LM3435_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3435SQ TI1-LM3435SQ Datasheet
979Kb / 25P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
LM3435SQX TI1-LM3435SQX Datasheet
979Kb / 25P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
More results

Descripción similar - LM3435_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3435 TI1-LM3435 Datasheet
979Kb / 25P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
logo
Kinetic Technologies.
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
logo
ATMEL Corporation
MSLB9061 ATMEL-MSLB9061 Datasheet
1Mb / 16P
   Compact, 6-channel LED Driver Board with I2C Interface
logo
Kinetic Technologies.
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
   36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
KTD2052 KINETIC-KTD2052 Datasheet
1Mb / 29P
   12-Channel RGB LED Drivers with I2C Control
October 2021 - Revision 04b
KTD2061 KINETIC-KTD2061 Datasheet
235Kb / 3P
   36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
Texas Instruments
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
[Old version datasheet]   Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com