Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3489MM Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3489MM
Descripción Electrónicos  Hysteretic PFET Buck Controller With Enable Pin
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3489MM Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3489MM Datasheet HTML 2Page - Texas Instruments LM3489MM Datasheet HTML 3Page - Texas Instruments LM3489MM Datasheet HTML 4Page - Texas Instruments LM3489MM Datasheet HTML 5Page - Texas Instruments LM3489MM Datasheet HTML 6Page - Texas Instruments LM3489MM Datasheet HTML 7Page - Texas Instruments LM3489MM Datasheet HTML 8Page - Texas Instruments LM3489MM Datasheet HTML 9Page - Texas Instruments LM3489MM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
10
LOAD CURRENT (A)
VIN = 12V
VIN = 6V
VIN = 24V
0
40
0
100
200
300
400
500
600
VIN (V)
10
20
30
L = 10 PH
L = 15 PH
L = 22 PH
VOUT = 3.3V
IOUT = 500 mA
Cff = 100 pF
-40
-10
20
50
80
110
140
JUNCTION TEMPERATURE, TJ (°C)
40
60
80
100
120
140
160
VIN = 4.5V
VIN = 24V
VIN = 12V
-40
-10
20
50
80
110
140
JUNCTION TEMPERATURE, TJ (
oC)
100
150
200
250
300
VIN = 12V
VIN = 4.5V
VIN = 24V
-40
-10
20
50
80
110
140
JUNCTION TEMPERATURE, TJ (°C)
8
8.5
9
9.5
10
VIN = 12V
VIN = 4.5V
VIN = 24V
VIN = 35V
0
40
3
3.5
4
4.5
5
5.5
6
VIN (V)
10
20
30
-40°C
25°C
125°C
LM3489
LM3489-Q1
SNVS443B – MAY 2006 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics (continued)
All curves taken at VIN = 12V with configuration in Design Information. TJ = 25°C, unless otherwise specified.
Current Limit One Shot OFF Time vs Temperature
VIN - VPGATE vs VIN
Figure 8.
Figure 9.
Minimum ON Time vs Temperature (Normal Operation)
Minimum ON Time vs Temperature (Current Limit)
Figure 10.
Figure 11.
Operating ON Time vs Load Current
Operating Frequency vs Input Voltage
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3489 LM3489-Q1


Número de pieza similar - LM3489MM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3489MM NSC-LM3489MM Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
LM3489MM NSC-LM3489MM Datasheet
356Kb / 16P
   Hysteretic PFET Buck Controller with Enable Pin
LM3489MMX NSC-LM3489MMX Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
LM3489MMX NSC-LM3489MMX Datasheet
356Kb / 16P
   Hysteretic PFET Buck Controller with Enable Pin
More results

Descripción similar - LM3489MM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3489 TI-LM3489_15 Datasheet
1,022Kb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
logo
National Semiconductor ...
LM3489 NSC-LM3489_08 Datasheet
356Kb / 16P
   Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3489 TI1-LM3489_14 Datasheet
1,020Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller with Enable Pin
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com