Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3502 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM3502
Descripción Electrónicos  Step-Up Converter for White LED Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3502 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3502 Datasheet HTML 6Page - Texas Instruments LM3502 Datasheet HTML 7Page - Texas Instruments LM3502 Datasheet HTML 8Page - Texas Instruments LM3502 Datasheet HTML 9Page - Texas Instruments LM3502 Datasheet HTML 10Page - Texas Instruments LM3502 Datasheet HTML 11Page - Texas Instruments LM3502 Datasheet HTML 12Page - Texas Instruments LM3502 Datasheet HTML 13Page - Texas Instruments LM3502 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0.0
EN1 PIN VOLTAGE (V)
0
30
5
10
15
20
25
1.0
2.0
3.0
4.0
5.0
-40
oC
25
oC
125
oC
0.0
2.0
0
5
10
15
20
25
EN2 PIN VOLTAGE (V)
1.0
3.0
4.0
5.0
-40
oC
125
oC
25
oC
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
TEMPERATURE (
oC)
94
98
-40
95
96
97
VIN = 2.5
0.0
CNTRL PIN VOLTAGE (V)
0
30
5
10
15
20
25
1.0
2.0
3.0
4.0
5.0
-40
oC
25
oC
125
oC
2
10
18
26 34
42
50
58
66
74
LED CURRENT (mA)
70
75
80
85
90
95
VIN = 2.7V
VIN = 5.5V
VIN = 3.3V
VIN = 4.2V
2
12
22
32
42
52
62
72
82
LED CURRENT (mA)
60
65
70
75
80
85
90
95
VIN = 2.7V
VIN = 5.5V
VIN = 3V
VIN = 4.2V
VIN = 3.3V
LM3502
SNVS339B – SEPTEMBER 2005 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
( Circuit in Figure 1: L = DO1608C-223 and D = MBRM140T3. Efficiency:
η = POUT/PIN = [(VOUT – VFb) * IOUT]/[VIN * IIN]. TA=
25°C, unless otherwise stated.)
6 LED Efficiency
4 LED Efficiency
vs
vs
LED Current
LED Current
Figure 13.
Figure 14.
Cntrl Pin Current
Maximum Duty Cycle
vs
vs
Cntrl Pin Voltage
Temperature
Figure 15.
Figure 16.
En1 Pin Current
En2 Pin Current
vs
vs
En1 Pin Voltage
En2 Pin Voltage
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3502


Número de pieza similar - LM3502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502ITL-16 NSC-LM3502ITL-16 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3502ITL-16 NSC-LM3502ITL-16 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
More results

Descripción similar - LM3502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com