Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3550 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LM3550
Descripción Electrónicos  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3550_13 Datasheet HTML 7Page - Texas Instruments LM3550_13 Datasheet HTML 8Page - Texas Instruments LM3550_13 Datasheet HTML 9Page - Texas Instruments LM3550_13 Datasheet HTML 10Page - Texas Instruments LM3550_13 Datasheet HTML 11Page - Texas Instruments LM3550_13 Datasheet HTML 12Page - Texas Instruments LM3550_13 Datasheet HTML 13Page - Texas Instruments LM3550_13 Datasheet HTML 14Page - Texas Instruments LM3550_13 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
IFlash
(0A to 3A)
TIME (1 Ps/div.)
VSTROBE
(2V/div.)
IFlash = 3A
TIME (20 ms/div.)
VCAP
2V/div.
ICharge
(500 mA/div.)
IIN
(500 mA/div.)
STROBE
EOCB
IFlash
(0A to 3A)
VCAP
(2V/div.)
ICharge
(200mA/div.)
TIME (20 ms/div.)
IIN
(200mA/div.)
IFlash
(0A to 3A)
VCAP
(2V/div.)
ICharge
(200mA/div.)
TIME (200 ms/div.)
IIN
(200mA/div.)
EOCB
VIN (V)
5.0
4.9
4.8
4.7
4.6
4.5
4.4
4.3
4.2
4.1
4.0
2.5
3.1
3.7
4.3
4.9
5.5
TA = -30°C
VLED = 2.0V
TA = +25°C
TA = +85°C
VIN
(2V/div.)
VCAP
(2V/div.)
ICharge
(200 mA/div.)
TIME (1s/div.)
EOCB
IIN
(200 mA/div.)
LM3550
www.ti.com
SNVS569B – MAY 2009 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN = 4. 7 µF, COUT = 2.2 µF, C1 = C2 = 1 µF. Super-Capacitor = 0.5F
TDK EDLC272020-501-2F-50,
Indicator Current
vs.
Input Voltage
Tri-Temp
5.3V Mode Super Capacitor Charge
Figure 33.
Figure 34.
2 LED, 3A Flash
(1.5A each)
5.3V Mode Super Capacitor Recharge
Figure 35.
Figure 36.
Strobe to Flash Delay
Edge-Sensitive Strobe
Figure 37.
Figure 38.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3550


Número de pieza similar - LM3550_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3550SP TI1-LM3550SP Datasheet
1Mb / 29P
[Old version datasheet]   5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
LM3550SPX TI1-LM3550SPX Datasheet
1Mb / 29P
[Old version datasheet]   5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
More results

Descripción similar - LM3550_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3550 TI1-LM3550 Datasheet
1Mb / 29P
[Old version datasheet]   5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
logo
ams AG
AS1117 AMSCO-AS1117 Datasheet
1Mb / 24P
   64 LED Driver for Mobile Applications with Error Detection
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
   Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
   Charge Pump LED Driver For Camera Flash
logo
Rohm
BD6164GUT ROHM-BD6164GUT Datasheet
558Kb / 21P
   320mA LED Camera Flash Driver
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Asahi Kasei Microsystem...
AP2061 AKM-AP2061 Datasheet
1Mb / 24P
   2.0A High-side LED Driver for Camera Flash with I2C
AP2061AEC AKM-AP2061AEC Datasheet
1Mb / 29P
   2.0A High-side LED Driver for Camera Flash with I2C
AP2063AEC AKM-AP2063AEC Datasheet
1Mb / 27P
   2.0A High-side LED Driver for Camera Flash with I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com