Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3646 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3646
Descripción Electrónicos  1.5-A Synchronous Boost Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3646 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3646 Datasheet HTML 2Page - Texas Instruments LM3646 Datasheet HTML 3Page - Texas Instruments LM3646 Datasheet HTML 4Page - Texas Instruments LM3646 Datasheet HTML 5Page - Texas Instruments LM3646 Datasheet HTML 6Page - Texas Instruments LM3646 Datasheet HTML 7Page - Texas Instruments LM3646 Datasheet HTML 8Page - Texas Instruments LM3646 Datasheet HTML 9Page - Texas Instruments LM3646 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
I2C Flash
I2C Stop
STROBE
I2C
Bus
ILED
ILED
TORCH
ILED
I2C Controlled Flash Start and Stop
Delay Times
Strobe Controlled Flash Start and
Stop Delay Times
External Indicator Start and Stop
Delay Times
Using Torch Pin
ILED
Flash time-out
ta
tb
tc
td
te
tf
tg
th
TX event ± Start and Stop
Delay Times
TX
EDGE TRIG
STROBE
LM3646
SNVS962A – DECEMBER 2013 – REVISED NOVEMBER 2014
www.ti.com
6.6 Timing Requirements
DELAY
EXPLANATION
TIME
ta
Time for the LED current to start ramping up after an I2C Write command.
560 µs
tb
Time for the LED current to start ramping down after an I2C Stop command.
120 µs
tc
Time for the LED current to start ramping up after the STROBE pin is raised high.
560 µs
td
Time for the LED current to start ramping down after the STROBE pin is pulled low.
8 µs
te
Time for the LED current to start ramping up after the TORCH pin is raised high.
560 µs
tf
Time for the LED current to start ramping down after the TORCH pin is pulled low.
8 µs
tg
Time for the LED current to start ramping down after the TX pin is pulled high.
3 µs
Time for the LED current to start ramping up after the TX pin is pulled low, provided the part has not timed
th
2 µs
out in flash mode.
Figure 1. Control Logic Delays
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM3646


Número de pieza similar - LM3646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
More results

Descripción similar - LM3646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com