Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IXYN80N90C3H1 Datasheet(PDF) 1 Page - IXYS Corporation

No. de pieza IXYN80N90C3H1
Descripción Electrónicos  Preliminary Technical Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYN80N90C3H1 Datasheet(HTML) 1 Page - IXYS Corporation

  IXYN80N90C3H1 Datasheet HTML 1Page - IXYS Corporation IXYN80N90C3H1 Datasheet HTML 2Page - IXYS Corporation IXYN80N90C3H1 Datasheet HTML 3Page - IXYS Corporation IXYN80N90C3H1 Datasheet HTML 4Page - IXYS Corporation IXYN80N90C3H1 Datasheet HTML 5Page - IXYS Corporation IXYN80N90C3H1 Datasheet HTML 6Page - IXYS Corporation IXYN80N90C3H1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
IXYN80N90C3H1
V
CES
= 900V
I
C90
= 70A
V
CE(sat) 



 2.7V
t
fi(typ)
= 86ns
DS100522A(12/15)
High-Speed IGBT
for 20-50 kHz Switching
Features
Optimized for Low Switching Losses
Square RBSOA
Isolation Voltage 2500V~
Anti-Parallel Sonic Diode
Positive Thermal Coefficient of
Vce(sat)
High Current Handling Capability
International Standard Package
Advantages
High Power Density
Low Gate Drive Requirement
Applications
High Frequency Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250μA, V
GE = 0V
950
V
V
GE(th)
I
C
= 250μA, V
CE = VGE
3.5
5.5
V
I
CES
V
CE = VCES, VGE = 0V
25 μA
T
J = 125°C
1.5 mA
I
GES
V
CE = 0V, VGE = ±20V
±100 nA
V
CE(sat)
I
C
= 60A, V
GE = 15V, Note 1
2.3
2.7
V
T
J = 125°C
2.9
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 150°C
900
V
V
CGR
T
J
= 25°C to 150°C, R
GE = 1M
900
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C
115
A
I
C90
T
C
= 90°C
70
A
I
F110
T
C
= 110°C
42
A
I
CM
T
C
= 25°C, 1ms
340
A
SSOA
V
GE = 15V, TVJ = 150°C, RG = 2
I
CM = 160
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
P
C
T
C
= 25°C
500
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60Hz
t = 1min
2500
V~
I
ISOL  1mA
t = 1s
3000
V~
M
d
Mounting Torque
1.5/13
Nm/lb.in
Terminal Connection Torque
1.3/11.5
Nm/lb.in
Weight
30
g
900V XPTTM IGBT
GenX3TM w/ Diode
Preliminary Technical Information
E
SOT-227B, miniBLOC
G = Gate, C = Collector, E = Emitter
ither emitter terminal can be used as
Main or Kelvin Emitter
G
E

E

C
E153432


Número de pieza similar - IXYN80N90C3H1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
IXYN82N120 ISC-IXYN82N120 Datasheet
528Kb / 3P
   High-Speed IGBT
logo
IXYS Corporation
IXYN82N120C3 IXYS-IXYN82N120C3 Datasheet
181Kb / 6P
   High-Speed IGBT for 20-50 kHz Switching
logo
Inchange Semiconductor ...
IXYN82N120C3 ISC-IXYN82N120C3 Datasheet
563Kb / 3P
   IGBT
logo
IXYS Corporation
IXYN82N120C3H1 IXYS-IXYN82N120C3H1 Datasheet
192Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
More results

Descripción similar - IXYN80N90C3H1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com