Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS1438KSOT Datasheet(PDF) 8 Page - SEC Electronics Inc.

No. de pieza SS1438KSOT
Descripción Electrónicos  Unipolar Hall Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECELECTRONICS [SEC Electronics Inc.]
Página de inicio  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1438KSOT Datasheet(HTML) 8 Page - SEC Electronics Inc.

  SS1438KSOT Datasheet HTML 1Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 2Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 3Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 4Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 5Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 6Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 7Page - SEC Electronics Inc. SS1438KSOT Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SS1438
Unipolar Hall Switch
8
V3.10
Nov 1, 2013
Package SO, 3-Pin (SOT-23):
Hall plate location
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS1438ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/reel
SS1438EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/bag
SS1438KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/reel
SS1438KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/bag
SS1438LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/reel
SS1438LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/bag
0.56
0.66
0.95
0.80
1.50
1.40
Chip
3
2
1
Bottom View of SOT-23 Package
2.70
3.10
1.00
1.30
0.70
0.90
0.00
0.10
0.35
0.50
0.10
0.25
0.20
Min
2.60
3.00
1.50
1.80
1.70
2.10
3
2
1
Top
Side Vie
End
Notes
1). PINOUT:
Pin 1 VDD
Pin 2 Output
Pin 3 GND
2). All dimensions are in millimeters;


Número de pieza similar - SS1438KSOT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEC Electronics Inc.
SS143 SECELECTRONICS-SS143 Datasheet
254Kb / 6P
   Unipolar Hall-Effect Digital Switch
logo
Honeywell Solid State E...
SS143A HONEYWELL-SS143A Datasheet
222Kb / 3P
   Surface Mount Digital Position Sensors
logo
SEC Electronics Inc.
SS143ESPT SECELECTRONICS-SS143ESPT Datasheet
254Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS143KSPT SECELECTRONICS-SS143KSPT Datasheet
254Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS143LSPT SECELECTRONICS-SS143LSPT Datasheet
254Kb / 6P
   Unipolar Hall-Effect Digital Switch
More results

Descripción similar - SS1438KSOT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEC Electronics Inc.
SS109 SECELECTRONICS-SS109_14 Datasheet
203Kb / 5P
   Unipolar Hall Switch
SS5682_1311 SECELECTRONICS-SS5682_1311 Datasheet
260Kb / 8P
   Unipolar Hall Switch
SS109_1311 SECELECTRONICS-SS109_1311 Datasheet
224Kb / 6P
   Unipolar Hall Switch
SS1352 SECELECTRONICS-SS1352 Datasheet
258Kb / 8P
   Unipolar Hall Switch
SS109 SECELECTRONICS-SS109 Datasheet
224Kb / 6P
   Unipolar Hall Switch
SS5782 SECELECTRONICS-SS5782 Datasheet
243Kb / 9P
   Unipolar Hall Switch
SS5682 SECELECTRONICS-SS5682 Datasheet
243Kb / 9P
   Unipolar Hall Switch
logo
Major-Power Technology ...
MA7014 MPOWER-MA7014 Datasheet
122Kb / 2P
   Unipolar Hall Effect Switch
Rev0.2
logo
Micronas
HAL114 MICRONAS-HAL114 Datasheet
127Kb / 9P
   Unipolar Hall Switch IC
logo
BCD Semiconductor Manuf...
AH922 BCDSEMI-AH922 Datasheet
366Kb / 15P
   UNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com