Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AHCT240DBLE Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74AHCT240DBLE
Descripción Electrónicos  SNx4AHCT240 Octal Buffers/Drivers With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT240DBLE Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AHCT240DBLE Datasheet HTML 2Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 3Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 4Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 5Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 6Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 7Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 8Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 9Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Temperature (qC)
-100
-50
0
50
100
150
0
1
2
3
4
5
6
7
D001
TPD in ns
6
SN54AHCT240, SN74AHCT240
SCLS252M – OCTOBER 1995 – REVISED APRIL 2016
www.ti.com
Product Folder Links: SN54AHCT240 SN74AHCT240
Submit Documentation Feedback
Copyright © 1995–2016, Texas Instruments Incorporated
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(2)
On products compliant to MIL-PRF-38535, this parameter does not apply.
7.6 Switching Characteristics
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TA = 25°C
SN54AHCT240
–40°C to 85°C
SN74AHCT240
–40°C to 125°C
SN74AHCT240
UNIT
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
CL = 15 pF
5.4(1)
7.4(1)
1(1)
8.5(1)
1
8.5
1
9.5
ns
tPHL
5.4(1)
7.4(1)
1(1)
8.5(1)
1
8.5
1
9.5
tPZH
OE
Y
CL = 15 pF
7.7(1)
10.4(1)
1(1)
12(1)
1
12
1
13
ns
tPZL
7.7(1)
10.4(1)
1(1)
12(1)
1
12
1
13
tPHZ
OE
Y
CL = 15 pF
8.3(1)
10.4(1)
1(1)
12(1)
1
12
1
13
ns
tPLZ
8.3(1)
10.4(1)
1(1)
12(1)
1
12
1
13
tPLH
A
Y
CL = 50 pF
5.9
8.4
1
9.5
1
9.5
1
10.5
ns
tPHL
5.9
8.4
1
9.5
1
9.5
1
10.5
tPZH
OE
Y
CL = 50 pF
8.2
11.4
1
13
1
13
1
14
ns
tPZL
8.2
11.4
1
13
1
13
1
14
tPHZ
OE
Y
CL = 50 pF
8.8
11.4
1
13
1
13
1
14
ns
tPLZ
8.8
11.4
1
13
1
13
1
14
tsk(o)
CL = 50 pF
1(2)
1
1
1
ns
(1)
Characteristics are for surface-mount packages only.
7.7 Noise Characteristics
VCC = 5 V, CL = 50 pF, TA = 25°C
(1)
PARAMETER
SN74AHCT240
UNIT
MIN
TYP
MAX
VOH(V)
Quiet output, minimum dynamic VOH
4.1
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
7.8 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
10
pF
7.9 Typical Characteristics
Figure 1. TPD vs Temperature


Número de pieza similar - SN74AHCT240DBLE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHCT240DBLE TI-SN74AHCT240DBLE Datasheet
950Kb / 26P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT240DBLE TI-SN74AHCT240DBLE Datasheet
1Mb / 28P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74AHCT240DBLE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com