Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AHCT240DWE4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza SN74AHCT240DWE4
Descripción Electrónicos  SNx4AHCT240 Octal Buffers/Drivers With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT240DWE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHCT240DWE4 Datasheet HTML 1Page - Texas Instruments SN74AHCT240DWE4 Datasheet HTML 2Page - Texas Instruments SN74AHCT240DWE4 Datasheet HTML 3Page - Texas Instruments SN74AHCT240DWE4 Datasheet HTML 4Page - Texas Instruments SN74AHCT240DWE4 Datasheet HTML 5Page - Texas Instruments SN74AHCT240DWE4 Datasheet HTML 6Page - Texas Instruments SN74AHCT240DWE4 Datasheet HTML 7Page - Texas Instruments SN74AHCT240DWE4 Datasheet HTML 8Page - Texas Instruments SN74AHCT240DWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
SN54AHCT240, SN74AHCT240
www.ti.com
SCLS252M – OCTOBER 1995 – REVISED APRIL 2016
Product Folder Links: SN54AHCT240 SN74AHCT240
Submit Documentation Feedback
Copyright © 1995–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
7.4 Thermal Information
THERMAL METRIC(1)
SN74AHCT240
UNIT
DW
DB
DGV
N
NS
PW
20 PINS
20 PINS
20 PINS
20 PINS
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal
resistance
83.0
99.9
119.2
54.9
80.4
105.4
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
48.9
61.7
34.5
41.7
46.9
39.5
RθJB
Junction-to-board thermal
resistance
50.5
55.2
60.7
35.8
47.9
56.4
ψJT
Junction-to-top
characterization parameter
21.1
22.6
1.2
27.9
19.9
3.1
ψJB
Junction-to-board
characterization parameter
50.1
54.8
60.0
35.7
47.5
55.8
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
(2)
This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AHCT240
–40°C to 85°C
SN74AHCT240
–40°C to 125°C
SN74AHCT240
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
VOH
IOH = –50 µA
4.5 V
4.4
4.5
4.4
4.4
4.4
V
IOH = –8 mA
3.94
3.8
3.8
3.8
VOL
IOL = 50 µA
4.5 V
0.1
0.1
0.1
0.1
V
IOL = 8 mA
0.36
0.44
0.44
0.44
IOZ
VO = VCC or GND
5.5 V
±0.25
±2.5
±2.5
±2.5
µA
II
VI = 5.5 V or GND
0 V to
5.5 V
±0.1
±1(1)
±1
±1
µA
ICC
VI = VCC or GND, IO = 0
5.5 V
4
40
40
40
µA
ΔICC
(2)
One input at 3.4 V,
Other inputs at VCC or
GND
5.5 V
1.35
1.5
1.5
1.5
mA
Ci
VI = VCC or GND
5 V
2.5
10
10
10
pF
Co
VO = VCC or GND
5 V
3
pF


Número de pieza similar - SN74AHCT240DWE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHCT240DW TI-SN74AHCT240DW Datasheet
86Kb / 6P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT240DW TI-SN74AHCT240DW Datasheet
950Kb / 26P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT240DW TI-SN74AHCT240DW Datasheet
1Mb / 28P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT240DW TI1-SN74AHCT240DW Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT240DWR TI-SN74AHCT240DWR Datasheet
950Kb / 26P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74AHCT240DWE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com