Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALVCH16524DLR Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SN74ALVCH16524DLR
Descripción Electrónicos  18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH16524DLR Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVCH16524DLR Datasheet HTML 1Page - Texas Instruments SN74ALVCH16524DLR Datasheet HTML 2Page - Texas Instruments SN74ALVCH16524DLR Datasheet HTML 3Page - Texas Instruments SN74ALVCH16524DLR Datasheet HTML 4Page - Texas Instruments SN74ALVCH16524DLR Datasheet HTML 5Page - Texas Instruments SN74ALVCH16524DLR Datasheet HTML 6Page - Texas Instruments SN74ALVCH16524DLR Datasheet HTML 7Page - Texas Instruments SN74ALVCH16524DLR Datasheet HTML 8Page - Texas Instruments SN74ALVCH16524DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
GND
OEAB
A1
GND
A2
A3
VCC
A4
A5
A6
GND
A7
A8
A9
A10
A11
A12
GND
A13
A14
A15
VCC
A16
A17
GND
A18
OEBA
CLKENBA
GND
SEL
B1
GND
B2
B3
VCC
B4
B5
B6
GND
B7
B8
B9
B10
B11
B12
GND
B13
B14
B15
VCC
B16
B17
GND
B18
CLK
GND
SN74ALVCH16524
18-BIT REGISTERED BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES080E – JULY 1996 – REVISED OCTOBER 2004
Member of the Texas Instruments Widebus™
Family
UBT™ Transceiver Combines D-Type Latches
and D-Type Flip-Flops for Operation in
Transparent, Latched, Clocked, or
Clock-Enable Mode
Operates From 1.65 V to 3.6 V
Max tpd of 3.2 ns at 3.3 V
±24-mA Output Drive at 3.3 V
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
This 18-bit universal bus transceiver is designed for
1.65-V to 3.6-V VCC operation.
Data
flow
in
each
direction
is
controlled
by
output-enable (OEAB and OEBA) and clock-enable
(CLKENBA) inputs. For the A-to-B data flow, the data
flows through a single buffer. The B-to-A data can
flow through a four-stage pipeline register path, or
through a single register path, depending on the state
of the select (SEL) input.
Data is stored in the internal registers on the
low-to-high transition of the clock (CLK) input,
provided that the appropriate CLKENBA input is low.
The B-to-A data transfer is synchronized with CLK.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74ALVCH16524DL
SSOP - DL
ALVCH16524
-40 to 85
°C
Tape and reel
SN74ALVCH16524DLR
TSSOP - DGG
Tape and reel
SN74ALVCH16524DGGR
ALVCH16524
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus, UBT are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1996–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - SN74ALVCH16524DLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVCH16524DL TI-SN74ALVCH16524DL Datasheet
125Kb / 9P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ALVCH16524DLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVCH162525 TI-SN74ALVCH162525 Datasheet
167Kb / 11P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162525 TI1-SN74ALVCH162525_09 Datasheet
353Kb / 16P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16524 TI-SN74ALVCH16524 Datasheet
125Kb / 9P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16525 TI-SN74ALVCH16525 Datasheet
153Kb / 10P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT16474 TI1-74ACT16474 Datasheet
142Kb / 7P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AUC16501 TI-SN74AUC16501 Datasheet
236Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH1622601 PERICOM-PI74ALVCH1622601 Datasheet
231Kb / 5P
   18-Bit Universal Bus Transceiver With 3-State Outputs
logo
Texas Instruments
SN74ALVCH16500 TI1-SN74ALVCH16500_08 Datasheet
355Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601DGGR TI-SN74ALVCH16601DGGR Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com