Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUP1G08-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AUP1G08-Q1
Descripción Electrónicos  Low-Power Single 2-Input Positive-AND Gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G08-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G08-Q1 Datasheet HTML 1Page - Texas Instruments SN74AUP1G08-Q1 Datasheet HTML 2Page - Texas Instruments SN74AUP1G08-Q1 Datasheet HTML 3Page - Texas Instruments SN74AUP1G08-Q1 Datasheet HTML 4Page - Texas Instruments SN74AUP1G08-Q1 Datasheet HTML 5Page - Texas Instruments SN74AUP1G08-Q1 Datasheet HTML 6Page - Texas Instruments SN74AUP1G08-Q1 Datasheet HTML 7Page - Texas Instruments SN74AUP1G08-Q1 Datasheet HTML 8Page - Texas Instruments SN74AUP1G08-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
B
2
GND
3
5
V
CC
4
Y
DCK PACKAGE
(TOP VIEW)
A
SN74AUP1G08-Q1
www.ti.com
SCES847 – DECEMBER 2012
Low-Power Single 2-Input Positive-AND Gate
Check for Samples: SN74AUP1G08-Q1
1
FEATURES
Wide Operating VCC Range of 0.8 V to 3.6 V
Optimized for 3.3-V Operation
2
AEC-Q100 Qualified with the Following
Results:
3.6-V Input/Output (I/O) Tolerant to Support
Mixed-Mode Signal Operation
Device Temperature Grade 1: –40°C to
125°C Ambient Operating Temperature
tpd = 4.3 ns Max at 3.3 V
Range
Suitable for Point-to-Point Applications
Device HBM ESD Classification Level H2
Latch-Up Performance Exceeds 100 mA Per
Device CDM ESD Classification Level C3B
JESD-78, Class II
Available in the Texas Instruments NanoStar™
Package
Low Static-Power Consumption:
ICC = 0.9 μA Max
Low Dynamic-Power Consumption:
Cpd = 4.3 pF Typ at 3.3 V
Low Input Capacitance: Ci = 1.5 pF Typ
Low Noise: Overshoot and Undershoot
< 10% of VCC
Ioff Supports Partial-Power-Down Mode
Operation
Schmitt-Trigger Action Allows Slow Input
Transition and Better Switching Noise
Immunity at the Input (Vhys = 250 mV, Typ at
3.3 V)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoStar is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - SN74AUP1G08-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G08-Q1 TI1-SN74AUP1G08-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single 2-Input Positive-AND Gate
More results

Descripción similar - SN74AUP1G08-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G08 TI1-SN74AUP1G08_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single 2-Input Positive-AND Gate
SN74AUP1G08 TI-SN74AUP1G08_10 Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI-SN74AUP1G08 Datasheet
272Kb / 13P
[Old version datasheet]   LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
SN74AUP1G08 TI-SN74AUP1G08_07 Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI1-SN74AUP1G08_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G08 Low-Power Single 2-Input Positive-AND Gate
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com