Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUP1G04YFPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AUP1G04YFPR
Descripción Electrónicos  Low-Power Single Inverter Gate
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G04YFPR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUP1G04YFPR Datasheet HTML 1Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G04YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
SN74AUP1G04
www.ti.com
SCES571K – JUNE 2004 – REVISED JUNE 2014
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VCC = 0.8 V
VCC
VCC = 1.1 V to 1.95 V
0.65 × VCC
VIH
High-level input voltage
V
VCC = 2.3 V to 2.7 V
1.6
VCC = 3 V to 3.6 V
2
VCC = 0.8 V
0
VCC = 1.1 V to 1.95 V
0.35 × VCC
VIL
Low-level input voltage
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.9
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–20
μA
VCC = 1.1 V
–1.1
VCC = 1.4 V
–1.7
IOH
High-level output current
VCC = 1.65 V
–1.9
mA
VCC = 2.3 V
–3.1
VCC = 3 V
–4
VCC = 0.8 V
20
μA
VCC = 1.1 V
1.1
VCC = 1.4 V
1.7
IOL
Low-level output current
VCC = 1.65 V
1.9
mA
VCC = 2.3 V
3.1
VCC = 3 V
4
Δt/Δv
Input transition rise or fall rate
VCC = 0.8 V to 3.6 V
200
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
7.4 Thermal Information
DBV
DCK
DPW
DRL
DRY
DSF
THERMAL METRIC(1)
UNIT
5 PINS
5 PINS
5 PINS
5 PINS
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal
298.6
314.4
291.8
349.7
554.9
407.1
resistance
RθJC(top)
Junction-to-case (top) thermal
240.2
128.7
224.2
120.5
385.4
232.0
resistance
RθJB
Junction-to-board thermal
134.6
100.6
245.8
171.4
388.2
306.9
resistance
°C/W
ψJT
Junction-to-top characterization
114.5
7.1
31.4
10.8
159.0
40.3
parameter
ψJB
Junction-to-board characterization
133.9
99.8
245.6
169.4
384.1
306.0
parameter
RθJC(bot)
Junction-to-case (bottom) thermal
n/a
n/a
195.4
n/a
n/a
n/a
resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74AUP1G04


Número de pieza similar - SN74AUP1G04YFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G04YFPR TI-SN74AUP1G04YFPR Datasheet
940Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER GATE
More results

Descripción similar - SN74AUP1G04YFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74AUP1G04 STMICROELECTRONICS-74AUP1G04 Datasheet
396Kb / 18P
   Low power single inverter gate
logo
Texas Instruments
SN74AUP1G04 TI-SN74AUP1G04 Datasheet
236Kb / 12P
[Old version datasheet]   LOW POWER SINGLE INVERTER GATE
SN74AUP1G04_101 TI-SN74AUP1G04_101 Datasheet
940Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com