Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUP1G32DRYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AUP1G32DRYR
Descripción Electrónicos  Low-Power Single 2-Input Positive-OR Gate
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G32DRYR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G32DRYR Datasheet HTML 1Page - Texas Instruments SN74AUP1G32DRYR Datasheet HTML 2Page - Texas Instruments SN74AUP1G32DRYR Datasheet HTML 3Page - Texas Instruments SN74AUP1G32DRYR Datasheet HTML 4Page - Texas Instruments SN74AUP1G32DRYR Datasheet HTML 5Page - Texas Instruments SN74AUP1G32DRYR Datasheet HTML 6Page - Texas Instruments SN74AUP1G32DRYR Datasheet HTML 7Page - Texas Instruments SN74AUP1G32DRYR Datasheet HTML 8Page - Texas Instruments SN74AUP1G32DRYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
A
B
Y
Y
A
B or Y
A
B
=
·
=
+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AUP1G32
SCES580I – JUNE 2004 – REVISED JUNE 2014
SN74AUP1G32 Low-Power Single 2-Input Positive-OR Gate
1 Features
2 Applications
1
Available in the Ultra Small 0.64 mm2 Package
ATCA Solutions
(DPW) with 0.5-mm Pitch
Active Noise Cancellation (ANC)
Low Static-Power Consumption
Barcode Scanner the end of the datasheet.
(ICC = 0.9 µA Max)
Blood Pressure Monitor
Low Dynamic-Power Consumption
CPAP Machine
(Cpd = 4.3 pF Typ at 3.3 V)
Cable Solutions
Low Input Capacitance (CI = 1.5 pF Typ)
DLP 3D Machine Vision, Hyperspectral Imaging,
Low Noise – Overshoot and Undershoot
Optical Networking, and Spectroscopy
<10% of VCC
E-Book
Ioff Supports Live Insertion, Partial-Power-Down
Embedded PC
Mode, and Back Drive Protection
Field Transmitter: Temperature or Pressure
Input Hysteresis Allows Slow Input Transition and
Sensor
Better Switching Noise Immunity at the
Fingerprint Biometrics
Input (Vhys = 250 mV Typ at 3.3 V)
HVAC: Heating, Ventilating, and Air Conditioning
Wide Operating VCC Range of 0.8 V to 3.6 V
Network-Attached Storage (NAS)
Optimized for 3.3-V Operation
Server Motherboard and PSU
3.6-V I/O Tolerant to Support Mixed-Mode Signal
Software Defined Radio (SDR)
Operation
TV: High-Definition (HDTV), LCD, and Digital
tpd = 4.6 ns Max at 3.3 V
Video Communications System
Suitable for Point-to-Point Applications
Wireless Data Access Card, Headset, Keyboard,
Latch-Up Performance Exceeds 100 mA
Mouse, and LAN Card
Per JESD 78, Class II
X-ray: Baggage Scanner, Medical, and Dental
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
3 Description
(A114-B, Class II)
This single 2-input positive-OR gate performs the
1000-V Charged-Device Model (C101)
Boolean function
in positive
logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT (5)
1.60 mm × 1.20 mm
USON (6)
1.45 mm × 1.00 mm
SN74AUP1G32
X2SON (4)
0.80 mm × 0.80 mm
DSBGA (6)
1.19 mm × 0.79 mm
DSBGA (5)
1.41 mm × 0.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - SN74AUP1G32DRYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G32DRYR TI-SN74AUP1G32DRYR Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
More results

Descripción similar - SN74AUP1G32DRYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G32 TI-SN74AUP1G32_10 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32 TI-SN74AUP1G32 Datasheet
417Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com