Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD6680S Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDD6680S
Descripción Electrónicos  30V N-Channel PowerTrench SyncFET?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6680S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD6680S Datasheet HTML 1Page - Fairchild Semiconductor FDD6680S Datasheet HTML 2Page - Fairchild Semiconductor FDD6680S Datasheet HTML 3Page - Fairchild Semiconductor FDD6680S Datasheet HTML 4Page - Fairchild Semiconductor FDD6680S Datasheet HTML 5Page - Fairchild Semiconductor FDD6680S Datasheet HTML 6Page - Fairchild Semiconductor FDD6680S Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDD6680S Rev D (W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain-Source Avalanche Ratings (Note 2)
WDSS
Drain-Source Avalanche Energy
Single Pulse, VDD = 15 V, ID=14A
245
mJ
IAR
Drain-Source Avalanche Current
14
A
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 1 mA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 1 mA, Referenced to 25
°C
19
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
500
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 20 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –20 V,
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 1 mA
1
2
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 1 mA, Referenced to 25
°C
–3.3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 12.5 A
VGS = 4.5 V,
ID = 10 A
VGS= 10 V, ID = 12.5A, TJ= 125
°C
9.5
13.5
17
11
17
23
m
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
50
A
gFS
Forward Transconductance
VDS = 15 V,
ID = 12.5 A
27
S
Dynamic Characteristics
Ciss
Input Capacitance
2010
pF
Coss
Output Capacitance
526
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
186
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
10
18
ns
tr
Turn–On Rise Time
10
18
ns
td(off)
Turn–Off Delay Time
34
55
ns
tf
Turn–Off Fall Time
VDS = 15 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6
14
23
ns
Qg
Total Gate Charge
17
24
nC
Qgs
Gate–Source Charge
6.2
nC
Qgd
Gate–Drain Charge
VDS = 15 V,
ID = 12.5 A,
VGS = 5 V
5.5
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
4.4
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 4.4 A
(Note 2)
VGS = 0 V,
IS = 7 A
(Note 2)
0.49
0.56
0.7
V
trr
Diode Reverse Recovery Time
20
nS
Qrr
Diode Reverse Recovery Charge
IF = 12.5A,
diF/dt = 300 A/µs
(Note 3)
19.7
nC


Número de pieza similar - FDD6680S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FDD6680S ISC-FDD6680S Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FDD6680S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com