Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FAN1587AD33X Datasheet(PDF) 10 Page - Fairchild Semiconductor |
|
FAN1587AD33X Datasheet(HTML) 10 Page - Fairchild Semiconductor |
10 / 14 page FAN1587A PRODUCT SPECIFICATION 10 REV. 1.0.5 11/10/03 Mechanical Dimensions 3-Lead TO-263 Package A .160 .190 4.06 4.83 Symbol Inches Min. Max. Min. Max. Millimeters Notes b .020 .036 0.51 0.91 b2 .049 .051 1.25 1.30 c2 .045 .055 1.14 1.40 D .340 .380 8.64 9.65 .380 .405 9.65 10.29 .100 BSC E e L .575 .625 14.61 15.88 .090 .110 2.29 2.79 α L1 L2 — .055 — 1.40 .017 .019 0.43 0.78 R 0 ° 8 ° 0 ° 8 ° Notes: 1. Dimensions are exclusive of mold flash and metal burrs. 2. Standoff-height is measured from lead tip with ref. to Datum -B-. 3. Foot length is measured with ref. to Datum -A- with lead surface (at inner R). 4. Dimensiuon exclusive of dambar protrusion or intrusion. 5. Formed leads to be planar with respect to one another at seating place -C-. 2.54 BSC E @PKG/ @HEATSINK D L2 A -C- L c2 L1 R (2 PLCS) -A- -B- E-PIN b2 b e |
Número de pieza similar - FAN1587AD33X |
|
Descripción similar - FAN1587AD33X |