Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74CBT162292DGVRE4 Datasheet(PDF) 4 Page - Texas Instruments |
|
74CBT162292DGVRE4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 12 page SN74CBT162292 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS SCDS052E – MARCH 1998 – REVISED OCTOBER 2000 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 50 pF, (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4 V VCC = 5 V ± 0.5 V UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX tpd† A or B B or A 1.9 1.85 ns ten S A or B 1 10.7 1 9.5 ns tdis S A or B 1 10.9 1 9.7 ns † The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). switching characteristics over recommended operating free-air temperature range, CL = 50 pF, (unless otherwise noted) (see Figure 1) PARAMETER DESCRIPTION VCC = 4 V VCC = 5 V ± 0.5 V UNIT MIN MAX MIN MAX tmbb‡ Make-before-break time 0 2 0 2 ns ‡ The make-before-break time is the time interval between make and break, during the transition from one selected port to the other. |
Número de pieza similar - 74CBT162292DGVRE4 |
|
Descripción similar - 74CBT162292DGVRE4 |