Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ALS878ADW Datasheet(PDF) 7 Page - Texas Instruments |
|
SN74ALS878ADW Datasheet(HTML) 7 Page - Texas Instruments |
7 / 8 page SN54AS878, SN54AS879 SN74AS878, SN74AS879 DUAL 4BIT DTYPE EDGETRIGGERED FLIPFLOPS WITH 3STATE OUTPUTS SDAS062A − D2661, APRIL 1982 − REVISED MAY 1986 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77001 7 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) SN54AS878 SN74AS878 PARAMETER TEST CONDITIONS SN54AS879 SN74AS879 UNIT MIN TYP‡ MAX MIN TYP‡ MAX UNIT VIK VCC = 4.5 V, II = − 18 mA − 1.2 − 1.2 V VCC = 4.5 V to 5.5 V, IOH = − 2 mA VCC −2 VCC −2 VOH VCC = 4.5 V, IOH = − 12 mA 2.4 3.2 V VCC = 4.5 V, IOH = − 15 mA 2.4 3.3 VOL VCC = 4.5 V, IOL = 32 mA 0.29 0.5 V VOL VCC = 4.5 V, IOL = 48 mA 0.33 0.5 V IOZH VCC = 5.5 V, VO = 2.7 V 50 50 µA IOZL VCC = 5.5 V, VO = 0.4 V −50 −50 µA II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL D VCC = 5.5 V, VI = 0.4 V −3 −2 mA IIL All other VCC = 5.5 V, VI = 0.4 V − 0.5 − 0.5 mA IO‡ VCC = 5.5 V, VO= 2.25 V −30 −112 −30 −112 mA Outputs high 82 132 82 132 ’AS878 Outputs low 96 155 96 155 ICC VCC = 5.5 V, Outputs disabled 100 160 100 160 mA ICC See Note 2 Outputs high 88 142 88 142 mA ’AS879 Outputs low 94 150 94 150 Outputs disabled 100 160 100 160 † All typical values are at VCC = 5 V, TA = 25°C. ‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS. NOTE 2: ICC is measured with CLR and all D inputs grounded, and CLK and OC at 4.5 V. switching characteristics (see Note 1) VCC = 4.5 V to 5.5 V, CL = 50 pF, R1 = 500 Ω, FROM TO R2 = 500 Ω, PARAMETER FROM (INPUT) TO (OUTPUT) TA = MIN to MAX UNIT PARAMETER (INPUT) (OUTPUT) SN54AS878 SN54AS879 SN74AS878 SN74AS879 UNIT MIN MAX MIN MAX tmax 100 125 MHz tPLH CLK Q or Q 3 11.5 3 8.5 ns tPHL CLK Q or Q 4 12.5 4 10.5 ns tPZH OC Q or Q 2 8 2 7 ns tPZL OC Q or Q 3 11.5 3 10.5 ns tPHZ OC Q or Q 2 7 2 6 ns tPLZ OC Q or Q 2 7 2 6 ns NOTE 1: Load circuit and voltage waveforms are shown in Section 1. |
Número de pieza similar - SN74ALS878ADW |
|
Descripción similar - SN74ALS878ADW |