Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALS29823NT Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SN74ALS29823NT
Descripción Electrónicos  9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS29823NT Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS29823NT Datasheet HTML 1Page - Texas Instruments SN74ALS29823NT Datasheet HTML 2Page - Texas Instruments SN74ALS29823NT Datasheet HTML 3Page - Texas Instruments SN74ALS29823NT Datasheet HTML 4Page - Texas Instruments SN74ALS29823NT Datasheet HTML 5Page - Texas Instruments SN74ALS29823NT Datasheet HTML 6Page - Texas Instruments SN74ALS29823NT Datasheet HTML 7Page - Texas Instruments SN74ALS29823NT Datasheet HTML 8Page - Texas Instruments SN74ALS29823NT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN54ALS29823 . . . JT PACKAGE
SN74ALS29823 . . . DW OR NT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE
1D
2D
3D
4D
5D
6D
7D
8D
9D
CLR
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
9Q
CLKEN
CLK
SN54ALS29823, SN74ALS29823
9-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SDAS146B – JANUARY 1986 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Functionally Equivalent to AMD’s AM29823
Provide Extra Data Width Necessary for
Wider Address/Data Paths or Buses With
Parity
Outputs Have Undershoot-Protection
Circuitry
Power-Up High-Impedance State
Buffered Control Inputs Reduce dc Loading
Effects
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic (NT) and Ceramic (JT) 300-mil DIPs
description
These 9-bit flip-flops feature 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. They are particularly suitable for implementing wider buffer registers, I/O
ports, bidirectional bus drivers, parity bus interfacing, and working registers.
With the clock-enable (CLKEN) input low, the nine D-type edge-triggered flip-flops enter data on the low-to-high
transitions of the clock (CLK) input. Taking CLKEN high disables the clock buffer, latching the outputs. The
′ALS29823 have noninverting data (D) inputs. Taking the clear (CLR) input low causes the nine Q outputs to
go low independently of the clock.
A buffered output-enable (OE) input places the nine outputs in either a normal logic state (high or low logic levels)
or a high-impedance state. The outputs also are in the high-impedance state during power-up and power-down
conditions. The outputs remain in the high-impedance state while the device is powered down. In the
high-impedance state, the outputs neither load nor drive the bus lines significantly. The high-impedance state
and increased drive provide the capability to drive bus lines without interface or pullup components.
OE does not affect the internal operation of the flip-flops. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.
The SN54ALS29823 is characterized for operation over the full military temperature range of – 55
°C to 125°C.
The SN74ALS29823 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
OE
CLR
CLKEN
CLK
D
Q
L
L
X
X
X
L
L
HL
HH
L
HL
LL
L
HH
X
X
Q0
H
X
X
X
X
Z
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Número de pieza similar - SN74ALS29823NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS29823NT TI-SN74ALS29823NT Datasheet
110Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ALS29823NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI1-SN54ABT823_15 Datasheet
664Kb / 18P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI1-SN54AS823A_15 Datasheet
273Kb / 12P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI-SN54ABT823 Datasheet
109Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29823 TI-SN54ALS29823 Datasheet
110Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16821 TI-SN54ABT16821 Datasheet
122Kb / 7P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
[Old version datasheet]   8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com