Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74HC04N Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74HC04N
Descripción Electrónicos  SNx4HC04 Hex Inverters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC04N Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HC04N Datasheet HTML 5Page - Texas Instruments SN74HC04N Datasheet HTML 6Page - Texas Instruments SN74HC04N Datasheet HTML 7Page - Texas Instruments SN74HC04N Datasheet HTML 8Page - Texas Instruments SN74HC04N Datasheet HTML 9Page - Texas Instruments SN74HC04N Datasheet HTML 10Page - Texas Instruments SN74HC04N Datasheet HTML 11Page - Texas Instruments SN74HC04N Datasheet HTML 12Page - Texas Instruments SN74HC04N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
3.3-V or 5-V regulated
0.1 F
µ
5-V accessory
SN54HC04, SN74HC04
www.ti.com
SCLS078G – DECEMBER 1982 – REVISED SEPTEMBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SNX4HC04 is a low-drive CMOS device that can be used for a multitude of inverting buffer type functions.
The device can produce 4 mA of drive current at 5 V, making it Ideal for driving multiple outputs and good for
low-noise applications.
9.2 Typical Application
Figure 5. Typical Application Schematic
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it
can drive currents that would exceed maximum limits. The high drive also creates fast edges into light loads, so
routing and load conditions should be considered to prevent ringing.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions
For rise time and fall time specifications, see
Δt/ΔV in Recommended Operating Conditions.
For specified High and low levels, see VIH and VIL in Recommended Operating Conditions.
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions
Load currents should not exceed 25 mA per output and 50 mA total for the part.
Outputs should not be pulled above VCC.
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN54HC04 SN74HC04


Número de pieza similar - SN74HC04N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74HC04N TI-SN74HC04N Datasheet
76Kb / 15P
[Old version datasheet]   HEX INVERTERS
SN74HC04N TI1-SN74HC04N Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
SN74HC04N3 TI1-SN74HC04N3 Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
SN74HC04NE4 TI1-SN74HC04NE4 Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
SN74HC04NSR TI-SN74HC04NSR Datasheet
76Kb / 15P
[Old version datasheet]   HEX INVERTERS
More results

Descripción similar - SN74HC04N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54HC04-SP TI-SN54HC04-SP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com