Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD281LLH Datasheet(PDF) 5 Page - Jianghai Europe GmbH

No. de pieza CD281LLH
Descripción Electrónicos  6 000 - 12 000h at 105째C
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGHAI [Jianghai Europe GmbH]
Página de inicio  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD281LLH Datasheet(HTML) 5 Page - Jianghai Europe GmbH

  CD281LLH Datasheet HTML 1Page - Jianghai Europe GmbH CD281LLH Datasheet HTML 2Page - Jianghai Europe GmbH CD281LLH Datasheet HTML 3Page - Jianghai Europe GmbH CD281LLH Datasheet HTML 4Page - Jianghai Europe GmbH CD281LLH Datasheet HTML 5Page - Jianghai Europe GmbH CD281LLH Datasheet HTML 6Page - Jianghai Europe GmbH CD281LLH Datasheet HTML 7Page - Jianghai Europe GmbH CD281LLH Datasheet HTML 8Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
9
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
Part Number System
Dimensions for Ammopack taping
Order Code: FF (FD)
item
D
A
Ød
P
P0
P1
P2
F
F1
W
W0
W1
W2
H
H0
L
ØD0 ∆h2
t
Fig. Taping
Code
tol.
±
0,5
±
2,0
±
0,05
±
1,0
±
0,2
±
0,5
±
1,0
+ 0,8
- 0,2
±
1,0
±
0,5
min
±
0,5
max
+ 0,75
- 0,5
±
0,5
max
±
0,5
max
±
0,2
4
7
0,45 12,7
12,7
5,1
6,35
2,5
3,5
18,0 12,0
9,0
1,5
18,5
-
11,0
4,0
1,0
0,7
1
FF
3,85
5
5
17,5
16,0
2
FF
5
7
0,45 12,7
12,7
5,1
6,35
2,5
3,5
18,0 12,0
9,0
1,5
18,5
-
11,0
4,0
1,0
0,7
1
FF
3,85
5
5
17,5
16,0
2
FF
11,5
0,5
12,7
12,7
5,1
6,35
2,5
3,5
18,0 12,0
9,0
1,5
18,5
-
11,0
4,0
1,0
0,7
1
FF
3,85
5
5
16,0
2
FF
6,3
7
0,45 12,7
12,7
5,1
6,35
2,5
3,5
18,0 12,0
9,0
1,5
18,5
-
11,0
4,0
1,0
0,7
1
FF
3,85
5
5
17,5
16,0
2
FF
11,5
0,5
12,7
12,7
5,1
6,35
2,5
3,5
18,0 12,0
9,0
1,5
18,5
-
11,0
4,0
1,0
0,7
1
FF
3,85
5
5
16,0
2
FF
8
11,5
0,6
12,7
12,7
4,6
6,35
3,5
3,5
18,0 12,0
9,0
1,5
18,5
-
11,0
4,0
1,0
0,7
3
FF
3,85
5
5
20,0
16,0
2
FF
14
0,6
12,7
12,7 3,85 6,35
5
5
18,0 12,0
9,0
1,5
20,0
16,0
11,0
4,0
1,0
0,7
2
FF
16
0,6
12,7
12,7 3,85 6,35
5
5
18,0 12,0
9,0
1,5
20,0
16,0
11,0
4,0
1,0
0,7
2
FF
10
12,5~20 0,6
12,7
12,7 3,85 6,35
5
5
18,0 12,0
9,0
1,5
18,5
-
11,0
4,0
1,0
0,7
3
FF
12,5
20~25
0,6
15
15
5,0
7,5
5
5
18,0 12,0
9
1,5
18,5
-
11,0
4,0
1,0
0,7
3
FF
25,4
12,7 3,85 6,35
4
FD
16
20~25,5 0,8
30
15
3,75
7,5
7,5
7,5
18,0 12,0
9,0
1,5
18,5
-
11,0
4,0
1,0
0,7
4
FD
in mm


Número de pieza similar - CD281LLH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jianghai Europe GmbH
CD281LL JIANGHAI-CD281LL Datasheet
1,010Kb / 5P
   EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
More results

Descripción similar - CD281LLH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jianghai Europe GmbH
CD892ZL JIANGHAI-CD892ZL Datasheet
666Kb / 8P
   5 000h at 105째C
CD269LHL JIANGHAI-CD269LHL Datasheet
585Kb / 7P
   4 000 - 10 000h at 125째C
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
   14 000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD804ZM JIANGHAI-CD804ZM Datasheet
644Kb / 8P
   4000h at 105째C
logo
Nichicon corporation
LGU2G221MELA NICHICON-LGU2G221MELA Datasheet
72Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 105째C.
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
   A 6 -12
logo
Tyco Electronics
EC6528-000 MACOM-EC6528-000 Datasheet
56Kb / 1P
   EC6528-000 Product Details
logo
Exxelia Group
SNAPSIC105-LP EXXELIA-SNAPSIC105-LP Datasheet
597Kb / 12P
   8 000 h / 105°C
Revision 01/19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com