Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA6J5.0A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

No. de pieza SMA6J5.0A
Descripción Electrónicos  SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMA6J5.0A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SMA6J5.0A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMA6J5.0A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMA6J5.0A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMA6J5.0A Datasheet HTML 4Page - SUNMATE electronic Co., LTD SMA6J5.0A Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Case: DO-214AC(SMA) Transfer Molded Epoxy
SMA6J5.0A(CA) - SMA6J440A(CA)
Features
Glass Passivated Die Construction
Uni- and Bi-Directional Versions Available
Excellent Clamping Capability
Fast Response Time
Plastic Material - UL Flammability
Classification Rating 94V-0
1 of 5
www.sunmate.tw
Maximum Ratings @ TA = 25°C unless otherwise specified
Peak Pulse Power Dissipation
(Non repetitive current pulse derated above TA =25°C)
(Note 1)
PPK
600
W
Peak Forward Surge Current, 8.3ms Single Half Sine
Wave Superimposed on Rated Load (JEDEC Method)
(Notes1, 2, & 3)
IFSM
100
A
Instantaneous Forward Voltage @IPP = 35A
VBR<100V
(Notes 1, 2, & 3)
VBR³100V
VF
3.5
5.0
V
V
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum.
3. Unidirectional units only.
Characteristic
Symbol
Value
Unit
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
VOLTAGE RANGE: 5.0 - 440 V
POWER: 600Wa t t s
!
!
!
!
!
See Page 2
Mechanical Data
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity Indicator: Cathode Band
(Note: Bi-directional devices have no polarity
indicator.)
Marking: Date Code and Marking Code
Weight: 0.064 grams (approx.)
!
!
!
!
!
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)


Número de pieza similar - SMA6J5.0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMA6J5.0A MCC-SMA6J5.0A Datasheet
287Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 33 Volts
logo
Vishay Siliconix
SMA6J5.0A VISHAY-SMA6J5.0A Datasheet
101Kb / 5P
   Surface Mount Transient Voltage Suppressors
Revision: 30-Oct-08
logo
Shanghai Semitech Semic...
SMA6J5.0A SEMITECH-SMA6J5.0A Datasheet
485Kb / 5P
   Glass passivated junction
logo
SeCoS Halbleitertechnol...
SMA6J5.0A SECOS-SMA6J5.0A Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
SMA6J5.0A SECOS-SMA6J5.0A Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
More results

Descripción similar - SMA6J5.0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
SMAJ70CA SUNMATE-SMAJ70CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ75CA SUNMATE-SMAJ75CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ250CA SUNMATE-SMAJ250CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ400CA SUNMATE-SMAJ400CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ130CA SUNMATE-SMAFJ130CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ210A SUNMATE-SMAFJ210A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250A SUNMATE-SMAFJ250A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250CA SUNMATE-SMAFJ250CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ350CA SUNMATE-SMAFJ350CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ10CA SUNMATE-SMAJ10CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ6.8A SUNMATE-SMAJ6.8A Datasheet
201Kb / 2P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com