Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74HC273PWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74HC273PWR
Descripción Electrónicos  Octal D-Type Flip-Flops With Clear
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC273PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74HC273PWR Datasheet HTML 4Page - Texas Instruments SN74HC273PWR Datasheet HTML 5Page - Texas Instruments SN74HC273PWR Datasheet HTML 6Page - Texas Instruments SN74HC273PWR Datasheet HTML 7Page - Texas Instruments SN74HC273PWR Datasheet HTML 8Page - Texas Instruments SN74HC273PWR Datasheet HTML 9Page - Texas Instruments SN74HC273PWR Datasheet HTML 10Page - Texas Instruments SN74HC273PWR Datasheet HTML 11Page - Texas Instruments SN74HC273PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
SN54HC273, SN74HC273
SCLS136E – DECEMBER 1982 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN54HC273 SN74HC273
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
6.11 Switching Characteristics
TA = 25°C and CL = 50 pF (unless otherwise noted; see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
VCC = 2 V
5
11
MHz
VCC = 4.5 V
27
50
VCC = 6 V
32
60
tPHL
From CLR (input) to any (output)
VCC = 2 V
55
160
ns
VCC = 4.5 V
15
32
VCC = 6 V
12
27
tpd
From CLK (input) to any (output)
VCC = 2 V
56
160
ns
VCC = 4.5 V
15
32
VCC = 6 V
13
27
tt
To any (output)
VCC = 2 V
38
75
ns
VCC = 4.5 V
8
15
VCC = 6 V
6
13
6.12 Switching Characteristics – SN54HC273
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted; see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fmax
VCC = 2 V
4
MHz
VCC = 4.5 V
18
VCC = 6 V
21
tPHL
From CLR (input) to any (output)
VCC = 2 V
240
ns
VCC = 4.5 V
48
VCC = 6 V
41
tpd
From CLK (input) to any (output)
VCC = 2 V
240
ns
VCC = 4.5 V
48
VCC = 6 V
41
tt
To any (output)
VCC = 2 V
110
ns
VCC = 4.5 V
22
VCC = 6 V
19
6.13 Switching Characteristics – SN74HC273
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted; see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fmax
VCC = 2 V
4
MHz
VCC = 4.5 V
21
VCC = 6 V
25
tPHL
From CLR (input) to any (output)
VCC = 2 V
200
ns
VCC = 4.5 V
40
VCC = 6 V
34
tpd
From CLK (input) to any (output)
VCC = 2 V
200
ns
VCC = 4.5 V
40
VCC = 6 V
34
tt
To any (output)
VCC = 2 V
95
ns
VCC = 4.5 V
19
VCC = 6 V
16


Número de pieza similar - SN74HC273PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74HC273PWR TI-SN74HC273PWR Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273PWR TI-SN74HC273PWR Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273PWRE4 TI-SN74HC273PWRE4 Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273PWRG4 TI-SN74HC273PWRG4 Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results

Descripción similar - SN74HC273PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com