Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM317EMP/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM317EMP/NOPB
Descripción Electrónicos  Wide Temperature Three-Pin Adjustable Regulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM317EMP/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM317EMP/NOPB Datasheet HTML 7Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 8Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 9Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 10Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 11Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 12Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 13Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 14Page - Texas Instruments LM317EMP/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
LM317-N
( )
OUT
ADJ
R
V
= 1.25 V
I
R
R
2
2
1
1
æ
ö
+
+
ç
÷
è
ø
LM117, LM317-N
www.ti.com
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
8 Detailed Description
8.1 Overview
In operation, the LM317-N develops a nominal 1.25-V reference voltage, VREF, between the output and
adjustment terminal. The reference voltage is impressed across program resistor R1 and, because the voltage is
constant, a constant current I1 then flows through the output set resistor R2, giving an output voltage calculated
by Equation 1:
(1)
Figure 15. Setting the VOUT Voltage
Because the 100-
μA current from the adjustment terminal represents an error term, the LM317-N was designed
to minimize IADJ and make it very constant with line and load changes. To do this, all quiescent operating current
is returned to the output establishing a minimum load current requirement. If there is insufficient load on the
output, the output will rise.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM117 LM317-N


Número de pieza similar - LM317EMP/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM317EMP/NOPB TI1-LM317EMP/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM317EMP/NOPB TI1-LM317EMP/NOPB Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317EMP/NOPB TI1-LM317EMP/NOPB Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317EMP/NOPB TI-LM317EMP/NOPB Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
More results

Descripción similar - LM317EMP/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM317-N-MIL TI1-LM317-N-MIL Datasheet
4Mb / 39P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
logo
Skyworks Solutions Inc.
AAT2503 SKYWORKS-AAT2503 Datasheet
1Mb / 22P
   Adjustable Three-Channel Regulator
AAT2504 SKYWORKS-AAT2504 Datasheet
1Mb / 21P
   Adjustable Three-Channel Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com