Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74HC165QPWRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74HC165QPWRQ1
Descripción Electrónicos  8-BIT PARALLEL-LOAD SHIFT REGISTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC165QPWRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC165QPWRQ1 Datasheet HTML 2Page - Texas Instruments SN74HC165QPWRQ1 Datasheet HTML 3Page - Texas Instruments SN74HC165QPWRQ1 Datasheet HTML 4Page - Texas Instruments SN74HC165QPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74HC165QPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74HC165QPWRQ1 Datasheet HTML 7Page - Texas Instruments SN74HC165QPWRQ1 Datasheet HTML 8Page - Texas Instruments SN74HC165QPWRQ1 Datasheet HTML 9Page - Texas Instruments SN74HC165QPWRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SN74HC165Q1
8BIT PARALLELLOAD SHIFT REGISTER
SCLS518A − AUGUST 2003 − REVISED APRIL 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
MIN
MAX
UNIT
VCC
MIN
MAX
MIN
MAX
UNIT
2 V
6
4.2
fclock
Clock frequency
4.5 V
31
21
MHz
fclock
Clock frequency
6 V
36
25
MHz
2 V
80
120
SH/LD low
4.5 V
16
24
tw
Pulse duration
SH/LD low
6 V
14
20
ns
tw
Pulse duration
2 V
80
120
ns
CLK high or low
4.5 V
16
24
CLK high or low
6 V
14
20
2 V
80
120
SH/LD high before CLK
4.5 V
16
24
SH/LD high before CLK
6 V
14
20
2 V
40
60
SER before CLK
4.5 V
8
12
SER before CLK
6 V
7
10
2 V
100
150
tsu
Setup time
CLK INH low before CLK
4.5 V
20
30
ns
tsu
Setup time
CLK INH low before CLK
6 V
17
25
ns
2 V
40
60
CLK INH high before CLK
4.5 V
8
12
CLK INH high before CLK
6 V
7
10
2 V
100
150
Data before SH/LD
4.5 V
20
30
Data before SH/LD
6 V
17
26
2 V
5
5
SER data after CLK
4.5 V
5
5
th
Hold time
SER data after CLK
6 V
5
5
ns
th
Hold time
2 V
5
5
ns
PAR data after SH/LD
4.5 V
5
5
PAR data after SH/LD
6 V
5
5


Número de pieza similar - SN74HC165QPWRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74HC165QPWRQ1 TI-SN74HC165QPWRQ1 Datasheet
236Kb / 11P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
More results

Descripción similar - SN74HC165QPWRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_07 Datasheet
505Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com