Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

745W1505 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

No. de pieza 745W1505
Descripción Electrónicos  Qualtek Electronics Corp
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QUALTEK [Qualtek Electronics Corporation]
Página de inicio  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

745W1505 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  745W1505 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
745W-15/05
Description:
AC RECEPTACLE
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B.Zhang
04-22-02
04-22-02
JJH / 04-22-02
UNIT: mm
REV. C
CONTROLLED
NOTES:
RATING:
UL, CSA: 20A 250V AC
VDE, CCC: 16A 250V AC
APPROVALS: UL,CSA,VDE, CCC
PANEL THICKNESS: 1.5mm
IEC 60320 C20
RoHS COMPLIANT
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
C
RoHS Compliancy
Updated Approvals
06-01-06
10-15-08
DP
LY
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
4
3
2
1
3
2
1
1
Soldering PIN Bronze Strip t=0.8mm Tin-Plated
Contact PIN Bronze Strip t=2mm Ni-Plated
Contact PIN Bronze Strip t=2mm Ni-Plated
Body Insulator PC 241R Black Color
6 ± 0.1
35.5 ± 0.5
0
29 ± 0.5
0
13 ± 0.2
5 ± 0.1
32.8 ± 0.3
32.2 ± 0.3
21
10.2
19 ± 0
1
0.5
0
17 ±
14 ± 1
0.5
3.1
1.0
PANEL CUTOUT
32.6 ± 0.2
0
4
2
3
1
1.5
2.8
1.5
2.8
1.5


Número de pieza similar - 745W1505

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qualtek Electronics Cor...
745W1508 QUALTEK-745W1508 Datasheet
407Kb / 1P
   Qualtek Electronics Corp
More results

Descripción similar - 745W1505

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qualtek Electronics Cor...
710W0003 QUALTEK-710W0003 Datasheet
383Kb / 1P
   Qualtek Electronics Corp
849-06002 QUALTEK-849-06002 Datasheet
525Kb / 1P
   Qualtek Electronics Corp
851-10009 QUALTEK-851-10009 Datasheet
257Kb / 1P
   Qualtek Electronics Corp
858-06014 QUALTEK-858-06014 Datasheet
264Kb / 1P
   Qualtek Electronics Corp
882-06013 QUALTEK-882-06013 Datasheet
309Kb / 1P
   Qualtek Electronics Corp
738WX201 QUALTEK-738WX201 Datasheet
323Kb / 1P
   Qualtek Electronics Corp
738WX203 QUALTEK-738WX203 Datasheet
388Kb / 1P
   Qualtek Electronics Corp
739WX240 QUALTEK-739WX240 Datasheet
421Kb / 1P
   Qualtek Electronics Corp
744W0001 QUALTEK-744W0001 Datasheet
340Kb / 1P
   Qualtek Electronics Corp
701W1526 QUALTEK-701W1526 Datasheet
375Kb / 1P
   Qualtek Electronics Corp
719W0004 QUALTEK-719W0004 Datasheet
420Kb / 1P
   Qualtek Electronics Corp
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com