Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDEP104 Datasheet(PDF) 2 Page - Sumida Corporation

No. de pieza CDEP104
Descripción Electrónicos  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP104 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP104_13 Datasheet HTML 1Page - Sumida Corporation CDEP104_13 Datasheet HTML 2Page - Sumida Corporation CDEP104_13 Datasheet HTML 3Page - Sumida Corporation CDEP104_13 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP104
ELECTRICAL CHARACTERISTICS-LOW D.C.R. TYPE
5.0
6.0
7.0
21.8(18.2)
4.3
μH±20%
4R3ML
CDEP1Ø4NP-4R3MC-88
5.4
7.0
8.1
18.6(15.5)
3.2
μH±20%
3R2ML
CDEP1Ø4NP-3R2MC-88
7.3
8.6
9.8
11.8(9.8)
2.2
μH±20%
2R2ML
CDEP1Ø4NP-2R2MC-88
10.2
10.5
12.2
5.9(4.9)
1.4
μH±20%
1R4ML
CDEP1Ø4NP-1R4MC-88
13.4
14.0
16.2
3.7(3.1)
0.8
μH±20%
0R8ML
CDEP1Ø4NP-ØR8MC-88
18.0
20.8
24.2
2.2(1.8)
0.36
μH±30%
0R3NL
CDEP1Ø4NP-ØR3NC-88
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
(A)※3
△T=40℃
THE SATURATION
CURRENT
(A)※2
D.C.R. (m
Ω)
[MAX.]
(at 20
℃)
INDUCTANCE
[WITHIN]※1
STAMP
PART NO.
5.0
9.5
11.8
21.8(18.2)
2.5
μH±20%
2R5MS
CDEP1Ø4NP-2R5MC-5Ø
5.4
10.7
13.3
18.6(15.5)
1.8
μH±20%
1R8MS
CDEP1Ø4NP-1R8MC-5Ø
7.3
13.3
16.6
11.8(9.8)
1.3
μH±20%
1R3MS
CDEP1Ø4NP-1R3MC-5Ø
10.2
16.6
20.7
5.9(4.9)
0.8
μH±20%
0R8MS
CDEP1Ø4NP-ØR8MC-5Ø
13.4
22.1
27.6
3.7(3.1)
0.45
μH±20%
0R4MS
CDEP1Ø4NP-ØR4MC-5Ø
18.0
31.6
39.6
2.2(1.8)
0.22
μH±30%
0R2NS
CDEP1Ø4NP-ØR2NC-5Ø
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
( A )
※3
△T=40℃
THE SATURATION
CURRENT
(A)※2
D.C.R. (m
Ω)
[MAX.]
(at 20
℃)
INDUCTANCE
[WITHIN]
※1
STAMP
PART NO.
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current:The value of D.C. current when the inductance decreases to 65% (while the tolerance
is
±30%) or 75% (while the tolerance is±20%) of it’s nominal.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
ELECTRICAL CHARACTERISTICS-STANDARD TYPE


Número de pieza similar - CDEP104_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDEP104-1R3B-50 SUMIDA-CDEP104-1R3B-50 Datasheet
251Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP104-1R3B-88 SUMIDA-CDEP104-1R3B-88 Datasheet
251Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP104-1R3C-50 SUMIDA-CDEP104-1R3C-50 Datasheet
251Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP104-1R3C-88 SUMIDA-CDEP104-1R3C-88 Datasheet
251Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP104-1R4B-50 SUMIDA-CDEP104-1R4B-50 Datasheet
251Kb / 1P
   POWER INDUCTORS (SMD Type)
More results

Descripción similar - CDEP104_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com