Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDEP12D38NP-1R1MC-120 Datasheet(PDF) 2 Page - Sumida Corporation

No. de pieza CDEP12D38NP-1R1MC-120
Descripción Electrónicos  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP12D38NP-1R1MC-120 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP12D38NP-1R1MC-120 Datasheet HTML 1Page - Sumida Corporation CDEP12D38NP-1R1MC-120 Datasheet HTML 2Page - Sumida Corporation CDEP12D38NP-1R1MC-120 Datasheet HTML 3Page - Sumida Corporation CDEP12D38NP-1R1MC-120 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP12D38
ELECTRICAL CHARACTERISTICS-LOW D.C.R. TYPE
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 75% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
ELECTRICAL CHARACTERISTICS-STANDARD TYPE
Electrical Characteristics
5.5
4.0(5.0)
4.8(6.0)
21.0(17.5)
7.7
μH±20%
7R7ML
CDEP12D38NP-7R7MC-12Ø
7.5
4.5(5.6)
5.6(7.0)
13.3(11.0)
5.9
μH±20%
5R9ML
CDEP12D38NP-5R9MC-12Ø
8.5
5.2(6.5)
6.4(8.0)
11.2(9.30)
4.3
μH±20%
4R3ML
CDEP12D38NP-4R3MC-12Ø
10.5
6.4(8.0)
7.6(9.5)
7.7(6.40)
3.0
μH±20%
3R0ML
CDEP12D38NP-3RØMC-12Ø
12.5
8.0(10.0)
9.6(12.0)
4.8(4.00)
1.9
μH±20%
1R9ML
CDEP12D38NP-1R9MC-12Ø
16.0
10.8(13.5)
12.8(16.0)
2.7(2.20)
1.1
μH±20%
1R1ML
CDEP12D38NP-1R1MC-12Ø
20.0
15.6(19.5)
19.2(24.0)
1.5(1.19)
0.5
μH±20%
0R5ML
CDEP12D38NP-ØR5MC-12Ø
(at105
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
(A)
※3
△T=40℃
SATURATION
CURRENT
(
A)※2
D.C.R.
(m
Ω)
[MAX.]
(at 20
℃)
INDUCTANCE
※1
STAMP
PART NO.
5.5
5.4(6.8)
6.8(8.5)
21.0(17.5)
5.6
μH±20%
5R6MS
CDEP12D38NP-5R6MC-88
7.5
6.3(7.9)
7.8(9.7)
13.3(11.0)
4.3
μH±20%
4R3MS
CDEP12D38NP-4R3MC-88
8.5
7.4(9.2)
9.2(11.5)
11.2(9.30)
3.2
μH±20%
3R2MS
CDEP12D38NP-3R2MC-88
10.5
8.8(11.0)
10.8(13.5)
7.7(6.40)
2.2
μH±20%
2R2MS
CDEP12D38NP-2R2MC-88
12.5
11.0(13.8)
13.2(16.5)
4.8(4.00)
1.4
μH±20%
1R4MS
CDEP12D38NP-1R4MC-88
16.0
14.8(18.5)
18.0(22.5)
2.7(2.20)
0.8
μH±20%
0R8MS
CDEP12D38NP-ØR8MC-88
20.0
22.0(27.5)
27.2(34.0)
1.5(1.19)
0.35
μH±20%
0R3MS
CDEP12D38NP-ØR3MC-88
(at105
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
(A)
※3
△T=40℃
SATURATION
CURRENT
(
A)※2
D.C.R.
(m
Ω)
[MAX.]
(at 20
℃)
INDUCTANCE
※1
STAMP
PART NO.


Número de pieza similar - CDEP12D38NP-1R1MC-120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDEP12D38NP-1R1M SUMIDA-CDEP12D38NP-1R1M Datasheet
143Kb / 2P
   POWER INDUCTORS
More results

Descripción similar - CDEP12D38NP-1R1MC-120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com