Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDC90D48_1312 Datasheet(PDF) 1 Page - Sumida Corporation

No. de pieza CDC90D48_1312
Descripción Electrónicos  SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDC90D48_1312 Datasheet(HTML) 1 Page - Sumida Corporation

  CDC90D48_1312 Datasheet HTML 1Page - Sumida Corporation CDC90D48_1312 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDC90D48
Description
• Ferrite drum core construction.
• Magnetically unshielded.
• L
×W×H: 9.7×9.3×5.0 mm Max.
• Product weight:1.1 g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13.0”diameter reel
• 500pcs per reel
Applications
• Ideally used in smoke alarm as DC-DC
inverter inductors.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of DC current when the inductance is over 90% of the initial value.
※3. Temperature rise current: The actual value of DC current when the temperature rise is △T=40℃(Ta=20℃).
31
56
99.4(82.8)
22±20%
223M
CDC90D48NP-223MC
42
86
86.1(71.6)
18±20%
183M
CDC90D48NP-183MC
59
97
62.0(51.6)
15±20%
153M
CDC90D48NP-153MC
68
104
52.1(43.3)
12±20%
123M
CDC90D48NP-123MC
78
120
38.2(31.8)
10±20%
103M
CDC90D48NP-103MC
Temperature
rise current
(mA)
※3
Saturation
current
(mA) ※2
(at 20℃)
D.C.R.(Ω)
[Max.] (Typ.)
(at 25℃)
Inductance
[mH]
[Within]
※1
Stamp
Part No.


Número de pieza similar - CDC90D48_1312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDC90D48NP-103MC SUMIDA-CDC90D48NP-103MC Datasheet
159Kb / 2P
   Ferrite drum core construction
CDC90D48NP-123MC SUMIDA-CDC90D48NP-123MC Datasheet
159Kb / 2P
   Ferrite drum core construction
CDC90D48NP-153MC SUMIDA-CDC90D48NP-153MC Datasheet
159Kb / 2P
   Ferrite drum core construction
CDC90D48NP-183MC SUMIDA-CDC90D48NP-183MC Datasheet
159Kb / 2P
   Ferrite drum core construction
CDC90D48NP-223MC SUMIDA-CDC90D48NP-223MC Datasheet
159Kb / 2P
   Ferrite drum core construction
More results

Descripción similar - CDC90D48_1312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com