Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDC5D23BNP-181KC Datasheet(PDF) 2 Page - Sumida Corporation

No. de pieza CDC5D23BNP-181KC
Descripción Electrónicos  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDC5D23BNP-181KC Datasheet(HTML) 2 Page - Sumida Corporation

  CDC5D23BNP-181KC Datasheet HTML 1Page - Sumida Corporation CDC5D23BNP-181KC Datasheet HTML 2Page - Sumida Corporation CDC5D23BNP-181KC Datasheet HTML 3Page - Sumida Corporation CDC5D23BNP-181KC Datasheet HTML 4Page - Sumida Corporation CDC5D23BNP-181KC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDC5D23B
Electrical Characteristics
※1. Inductance measuring condition: at 100 kHz.
※2. Rated current: The DC current at which the inductance decreases to 90 % of it’s initial value or when △t=
40
℃, whichever is lower (Ta=20℃)
0.19
2730(2100)
270
μH±10%
271
CDC5D23BNP-271KC
0.21
2440(1880)
220
μH±10%
221
CDC5D23BNP-221KC
0.23
1900(1460)
180
μH±10%
181
CDC5D23BNP-181KC
0.26
1660(1280)
150
μH±10%
151
CDC5D23BNP-151KC
0.32
1250(960)
120
μH±10%
121
CDC5D23BNP-121KC
0.33
1070(820)
100
μH±10%
101
CDC5D23BNP-101KC
0.35
1000(772)
82
μH±10%
820
CDC5D23BNP-820KC
0.41
715(550)
68
μH±10%
680
CDC5D23BNP-680KC
0.45
621(478)
56
μH±10%
560
CDC5D23BNP-560KC
0.49
546(420)
47
μH±10%
470
CDC5D23BNP-470KC
0.54
438(337)
39
μH±10%
390
CDC5D23BNP-390KC
0.58
378(291)
33
μH±10%
330
CDC5D23BNP-330KC
0.64
328(252)
27
μH±10%
270
CDC5D23BNP-270KC
0.73
248(191)
22
μH±10%
220
CDC5D23BNP-220KC
0.77
213(164)
18
μH±10%
180
CDC5D23BNP-180KC
0.88
166(128)
15
μH±10%
150
CDC5D23BNP-150KC
0.96
148(114)
12
μH±15%
120
CDC5D23BNP-120LC
1.04
133(102)
10
μH±15%
100
CDC5D23BNP-100LC
1.12
103(87)
8.2
μH±20%
8R2
CDC5D23BNP-8R2MC
1.36
91 (70)
6.8
μH±20%
6R8
CDC5D23BNP-6R8MC
1.44
78 (60)
5.6
μH±20%
5R6
CDC5D23BNP-5R6MC
1.60
62 (48)
4.7
μH±20%
4R7
CDC5D23BNP-4R7MC
1.84
56 (43)
3.9
μH±20%
3R9
CDC5D23BNP-3R9MC
1.90
49 (38)
3.3
μH±20%
3R3
CDC5D23BNP-3R3MC
2.08
44 (34)
2.7
μH±20%
2R7
CDC5D23BNP-2R7MC
2.16
39 (30)
2.2
μH±20%
2R2
CDC5D23BNP-2R2MC
Rated current
(A)
※2
D.C.R.(
mΩ)
Max. (Typ.)
(at20
℃)
Inductance
(μH)
[Within] ※1
Stamp
Part Name


Número de pieza similar - CDC5D23BNP-181KC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDC5D23BNP-181K SUMIDA-CDC5D23BNP-181K Datasheet
51Kb / 2P
   POWER INDUCTORS
More results

Descripción similar - CDC5D23BNP-181KC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com