Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLC7530S-101M Datasheet(PDF) 3 Page - Coilcraft lnc.

No. de pieza SLC7530S-101M
Descripción Electrónicos  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SLC7530S-101M Datasheet(HTML) 3 Page - Coilcraft lnc.

  SLC7530S-101M Datasheet HTML 1Page - Coilcraft lnc. SLC7530S-101M Datasheet HTML 2Page - Coilcraft lnc. SLC7530S-101M Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors - SLC7530 Series
Document 366-3 Revised 09/15/15
Document 366-3
Recommended
Land Pattern
0.295
7,50
max
0.118
3,00
max
0.067
1,70
0.264
6,70
max
Dash number
Internal code
XXXS
X
0.118
3,00
1
2
0.311
7,90
0.154
3,90
0.106
2,70
0.106
2,70
Dimensions – Single Conductor
Dimensions – Dual Conductor
1
4
2
3
Winding 1
Winding 2
1
2
Typical Temperature Rise vs Current
80
70
60
50
40
30
20
10
0
Current (Arms)
10
03040
20
50
60
SL
C7
53
0S
SL
C7
53
0D
Co
nn
ec
ted
in
pa
ral
lel
Recommended
Land Patterns
1
2
4
3
0.295
7,50
max
0.067
1,70
0.264
6,70
max
Dash
number
Internal
code
XXXD
X
Series mode
0.311
7,90
0.185
4,70
1
2
4
3
0.020
0,50
0.020
0,50
0.079
2,00
0.177
4,50
0.177
4,50
Two conductor mode
1
2
4
3
0.311
7,90
0.020
0,50
0.079
2,00
0.106
2,70
0.106
2,70
0.177
4,50
0.118
3,00
max
0.050
1,27
0.047
1,20
0.039
1,00
0.311
7,90
0.106
2,70
0.106
2,70
Parallel mode
Dimensions are in
inches
mm
Dimensions are in
inches
mm
Winding-to-winding isolation: 25 V
maximum


Número de pieza similar - SLC7530S-101M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Coilcraft lnc.
SLC7530S-101ML COILCRAFT-SLC7530S-101ML Datasheet
243Kb / 3P
   SMT Power Inductors
SLC7530S-101MLB COILCRAFT-SLC7530S-101MLB Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530S-101MLC COILCRAFT-SLC7530S-101MLC Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530S-101MLD COILCRAFT-SLC7530S-101MLD Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530S-101ML_ COILCRAFT-SLC7530S-101ML_ Datasheet
429Kb / 3P
   Shielded Power Inductors
More results

Descripción similar - SLC7530S-101M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com