Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

K100411 Datasheet(PDF) 1 Page - E-SWITCH

No. de pieza K100411
Descripción Electrónicos  DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  E-SWITCH [E-SWITCH]
Página de inicio  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

K100411 Datasheet(HTML) 1 Page - E-SWITCH

  K100411 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KO103C-801
2:1
3/22/2016
K100411
A
MJR
1
1
CIRCUIT: SPDT (90 INDEXING) CONTACT CONFIGURATION
SWITCH FUNCTION
CONNECTED TERMINAL #
POS.1
POS.2
ON
ON
1-2
3-4
LEGEND
= DETENT POSITIONS
= KEY PULL POSSIBLE
IN THESE POSITIONS
POS. 1
POS. 2
RECOMMENDED PANEL CUTOUT
4
3
1
2
A
22214
NEW RELEASE
3/22/16
MJR
NOTE:
1. DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT RATINGS: 1A @ 125VAC, 0.5A @250VAC
5. CONTACT RESISTANCE: 10m
MAX.
6. INSULATION RESISTANCE: 200M
MIN.
7. DIELECTRIC STRENGTH: 1,000VAC FOR 1 MINUTE
8.
DENOTES CRITICAL PARAMETER
9. MATERIALS:
HOUSING: ZINC ALLOY CAST
CYLINDER: ZINC ALLOY W/ CHROME PLATING
TERMINAL AND CONTACTS: SILVER PLATED
KEY: TUBULAR - ZINC ALLOY WITH CHROME PLATING
10. PANEL THICKNESS: 10MM MAX.
11. KEYCODE: 801 (QTY. 2)
90.0
POS.1
POS.2
M12 X 1.0
THREAD
5.3
[.21 in]
7.1
[.28 in]
26.5
[1.04 in]
21.5
[.85 in]
4.0
[.16 in]
11.60
[.457 in]
SHOWN WITH
PROVIDED HEX NUT
10.70
[.421 in]
R6.00
[.236 in]
10.15
[.400 in]
FLATS
10.45
[.411 in]
FLATS
15.00
[.59 in]


Número de pieza similar - K100411

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Banner Engineering Corp...
K100 BANNER-K100 Datasheet
3Mb / 6P
   K100 Pro Indicator Beacon – DC
Rev. C 29 September 2022
K100 BANNER-K100 Datasheet
3Mb / 7P
   K100 Pro Daylight Visible Beacon – DC
Rev. D 29 September 2022
logo
E-SWITCH
K100202 E-SWITCH-K100202 Datasheet
32Kb / 1P
   Contact Resistance : 10m-OHMS
K100204 E-SWITCH-K100204 Datasheet
69Kb / 1P
   Contact Resistance : 10m-OHMS
K100205 E-SWITCH-K100205 Datasheet
33Kb / 1P
   Contact Resistance : 10m-OHMS
More results

Descripción similar - K100411

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-SWITCH
38-RA81231000137 E-SWITCH-38-RA81231000137 Datasheet
166Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RB212C1011137 E-SWITCH-38-RB212C1011137 Datasheet
163Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RRG3813Z20Z2000 E-SWITCH-38-RRG3813Z20Z2000 Datasheet
163Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RRG3843Z20Z2000 E-SWITCH-38-RRG3843Z20Z2000 Datasheet
164Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RRGA8131100 E-SWITCH-38-RRGA8131100 Datasheet
227Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RB212C101Z95126 E-SWITCH-38-RB212C101Z95126 Datasheet
129Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RB246C1129 E-SWITCH-38-RB246C1129 Datasheet
130Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RB24001000114 E-SWITCH-38-RB24001000114 Datasheet
92Kb / 1P
   DIMENSIONS IN MM [INCH]
38-RR11131100244 E-SWITCH-38-RR11131100244 Datasheet
178Kb / 1P
   DIMENSIONS IN MM [INCH]
14-RB2S00222 E-SWITCH-14-RB2S00222 Datasheet
171Kb / 1P
   DIMENSIONS IN MM [INCH]
14-RB2S00237 E-SWITCH-14-RB2S00237 Datasheet
265Kb / 1P
   DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com