Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD210DE Datasheet(PDF) 1 Page - Linear Integrated Systems

No. de pieza SD210DE
Descripción Electrónicos  N-CHANNEL LATERAL DMOS SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAR [Linear Integrated Systems]
Página de inicio  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

SD210DE Datasheet(HTML) 1 Page - Linear Integrated Systems

  SD210DE Datasheet HTML 1Page - Linear Integrated Systems SD210DE Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Linear Integrated Systems
SD-SST210/214
N-CHANNEL LATERAL
DMOS SWITCH
Product Summary
Features
Benefits
Applications
• Ultra-High Speed Switching—tON: 1 ns
• High-Speed System Performance
• Fast Analog Switch
• Ultra-Low Reverse Capacitance: 0.2 pF
• Low Insertion Loss at High Frequencies
• Fast Sample-and-Holds
• Low Guaranteed rDS @5 V
• Low Transfer Signal Loss
• Pixel-Rate Switching
• Low Turn-On Threshold Voltage
• Simple Driver Requirement
• DAC Deglitchers
• N-Channel Enhancement Mode
• Single Supply Operation
• High-Speed Driver
Description
The SD210DE/214DE are enhancement-mode MOSFETs
designed for high speed low-glitch switching in audio, video,
and high-frequency applications. The SD214DE is normally used
for ±10-V analog switching. These MOSFETs utilize lateral
construction to achieve low capacitance and ultra-fast switching
speeds. These MOSFETs do not have a gate protection Zener
diode which results in lower gate leakage and
± voltage capability
from gate to substrate. A poly-silicon gate is featured for
manufacturing reliability.
For similar products see: quad array—SD5000/5400 series, and
Zener protected—SD211DE/SST211 series.
Absolute Maximum Ratings (TA = 250C Unless Otherwise Noted)
Gate-Drain, Gate-Source Voltage .........................................................
± 40 V
Gate-Substrate Voltage .........................................................................
± 30 V
Drain-Source Voltage
(SD210DE) ....................................... 30 V
(SD214DE) ....................................... 20 V
Source-Drain Voltage
(SD210DE) ....................................... 10 V
(SD214DE) ....................................... 20 V
Drain-Substrate Voltage
(SD210DE) ....................................... 30 V
(SD214DE) ....................................... 25 V
Source-Substrate Voltage
(SD210DE) ....................................... 15 V
(SD214DE) ....................................... 25 V
Drain Current ........................................................................................ 50 mA
Lead Temperature (1/16" from case for 10 seconds) ............................. 3000C
Storage Temperature .................................................................... -65 to 1500C
Operating Junction Temperature ................................................. -55 to 1250C
Power Dissipationa .................................................................................................................................... 300 mW
Notes:
a. Derate 3 mW/0C above 250C
Part Number
V(BR)DS Min(V)
VGS(th) Max (V)
SD210DE
SD214DE
SST210
SST214
30
20
30
20
1.5
1.5
1.5
1.5
rDS(on) Max(Ω)
Crss Max (pF)
45 @ VGS = 10V
45 @ VGS = 10V
50 @ VGS = 10V
50 @ VGS = 10V
tON Max (ns)
0.5
2
0.5
2
0.5
2
0.5
2
Top View
SST210 SST214
Top View
SD210DE SD214DE


Número de pieza similar - SD210DE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
357Kb / 2P
   HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
SD210DE LINEAR-SD210DE Datasheet
163Kb / 2P
   N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
SD210DE LINEAR-SD210DE Datasheet
512Kb / 2P
   N-CHANNEL LATERAL DMOS SWITCH
logo
Micross Components
SD210DE MICROSS-SD210DE Datasheet
240Kb / 1P
   N-Channel Enhancement Mode DMOS Lateral Switches
SD210DE MICROSS-SD210DE Datasheet
261Kb / 1P
   N-Channel Enhancement Mode DMOS Lateral Switches
More results

Descripción similar - SD210DE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
512Kb / 2P
   N-CHANNEL LATERAL DMOS SWITCH
logo
Micross Components
SD211DE MICROSS-SD211DE Datasheet
229Kb / 1P
   N-Channel Lateral DMOS Switch - Zener Protected
logo
Linear Integrated Syste...
SD211 LINEAR-SD211 Datasheet
513Kb / 3P
   N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SDSST211 LINEAR-SDSST211 Datasheet
511Kb / 3P
   N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
logo
Micross Components
SD213DE MICROSS-SD213DE Datasheet
229Kb / 1P
   N-Channel Lateral DMOS Switch - Zener Protected
SD215DE MICROSS-SD215DE Datasheet
229Kb / 1P
   N-Channel Lateral DMOS Switch - Zener Protected
logo
Linear Integrated Syste...
SD211T LINEAR-SD211T Datasheet
220Kb / 4P
   N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
SD210DET LINEAR-SD210DET Datasheet
163Kb / 2P
   N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
SD5000 LINEAR-SD5000 Datasheet
505Kb / 3P
   QUAD N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
   N-Channel Lateral DMOS FETs
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com