Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL1454A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL1454A
Descripción Electrónicos  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TL1454A Datasheet(HTML) 1 Page - Texas Instruments

  TL1454A Datasheet HTML 1Page - Texas Instruments TL1454A Datasheet HTML 2Page - Texas Instruments TL1454A Datasheet HTML 3Page - Texas Instruments TL1454A Datasheet HTML 4Page - Texas Instruments TL1454A Datasheet HTML 5Page - Texas Instruments TL1454A Datasheet HTML 6Page - Texas Instruments TL1454A Datasheet HTML 7Page - Texas Instruments TL1454A Datasheet HTML 8Page - Texas Instruments TL1454A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TL1454A, TL1454AY
DUALCHANNEL PULSEWIDTHMODULATION (PWM)
CONTROL CIRCUIT
SLVS423 A− MAY 2002 − REVISED SEPTEMBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Two Complete PWM Control Circuits
D Outputs Drive MOSFETs Directly
D Oscillator Frequency...50 kHz to 2 MHz
D 3.6-V to 20-V Supply-Voltage Range
D Low Supply Current . . . 3.5 mA Typ
D Adjustable Dead-Time Control, 0% to 100%
D 1.26-V Reference
description
The TL1454A is a dual-channel pulse-width-mod-
ulation (PWM) control circuit, primarily intended
for low-power, dc/dc converters. Applications
include LCD displays, backlight inverters, note-
book computers, and other products requiring
small, high-frequency, dc/dc converters.
Each PWM channel has its own error amplifier, PWM comparator, dead-time control comparator, and MOSFET
driver. The voltage reference, oscillator, undervoltage lockout, and short-circuit protection are common to both
channels.
Channel 1 is configured to drive n-channel MOSFETs in step-up or flyback converters, and channel 2 is
configured to drive p-channel MOSFETs in step-down or inverting converters. The operating frequency is set
with an external resistor and an external capacitor, and dead time is continuously adjustable from 0 to 100%
duty cycle with a resistive divider network. Soft start can be implemented by adding a capacitor to the dead-time
control (DTC) network. The error-amplifier common-mode input range includes ground, which allows the
TL1454A to be used in ground-sensing battery chargers as well as voltage converters.
AVAILABLE OPTIONS
PACKAGED DEVICES†
CHIP FORM
TA
SMALL OUTLINE
(D)
PLASTIC DIP
(N)
TSSOP
(PW)
SSOP
(DB)
SOP-EIAJ
(NS)
CHIP FORM
(Y)
−20
°C to 85°C
TL1454ACD
TL1454ACN
TL1454ACPWR
TL1454ACDB
TL1454ACNS
TL1454AY
† The D, DB and NS packages are available taped and reeled. Add the suffix R to the device name (e.g., TL1454ACDR). The PW package is
available only left-end taped and reeled (indicated by the R suffix on the device type; e.g., TL1454ACPWR).
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CT
RT
DTC1
IN1 +
IN1 −
COMP1
GND
OUT1
D, N OR PW PACKAGE
(TOP VIEW)
REF
SCP
DTC2
IN2 +
IN2 −
COMP2
VCC
OUT2


Número de pieza similar - TL1454A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL1454A TI-TL1454A Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454ACD TI-TL1454ACD Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454ACDB TI-TL1454ACDB Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454ACDBR TI-TL1454ACDBR Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454ACDR TI-TL1454ACDR Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results

Descripción similar - TL1454A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL1454CPW TI1-TL1454CPW Datasheet
384Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454 TI-TL1454 Datasheet
390Kb / 24P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI-TL1454A Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1453C TI-TL1453C Datasheet
116Kb / 7P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1453CPWR TI1-TL1453CPWR Datasheet
422Kb / 8P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com