Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL750L12 Datasheet(PDF) 9 Page - Texas Instruments |
|
TL750L12 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 29 page PACKAGE OPTION ADDENDUM www.ti.com 10-Jun-2014 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL750L10CLPR ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 125 750L10C TL750L10CP OBSOLETE PDIP P 8 TBD Call TI Call TI 0 to 125 TL750L10QD OBSOLETE SOIC D 8 TBD Call TI Call TI -40 to 125 TL750L10QDR OBSOLETE SOIC D 8 TBD Call TI Call TI -40 to 125 TL750L10QKC OBSOLETE TO-220 KC 3 TBD Call TI Call TI -40 to 125 TL750L10QLP OBSOLETE TO-92 LP 3 TBD Call TI Call TI -40 to 125 TL750L10QP OBSOLETE PDIP P 8 TBD Call TI Call TI -40 to 125 TL750L12CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 125 50L12C TL750L12CDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 125 50L12C TL750L12CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 125 50L12C TL750L12CDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 125 50L12C TL750L12CKC OBSOLETE TO-220 KC 3 TBD Call TI Call TI 0 to 125 TL750L12CLP ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 125 750L12C TL750L12CP OBSOLETE PDIP P 8 TBD Call TI Call TI 0 to 125 TL750L12QD OBSOLETE SOIC D 8 TBD Call TI Call TI -40 to 125 TL750L12QDR OBSOLETE SOIC D 8 TBD Call TI Call TI -40 to 125 TL750L12QKC OBSOLETE TO-220 KC 3 TBD Call TI Call TI -40 to 125 TL750L12QLP OBSOLETE TO-92 LP 3 TBD Call TI Call TI -40 to 125 TL750L12QP OBSOLETE SOIC D 8 TBD Call TI Call TI -40 to 125 TL751L05CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 125 51L05C TL751L05CDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 125 51L05C TL751L05CDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 125 51L05C TL751L05CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 125 51L05C TL751L05CP OBSOLETE PDIP P 8 TBD Call TI Call TI 0 to 125 |
Número de pieza similar - TL750L12 |
|
Descripción similar - TL750L12 |