Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC2254A Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TLC2254A Datasheet(HTML) 2 Page - Texas Instruments |
2 / 39 page TLC225xEP, TLC225xAEP Advanced LinCMOS RAILTORAIL VERY LOW POWER OPERATIONAL AMPLIFIERS SGLS216 − NOVEMBER 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) The TLC2252/4 also makes great upgrades to the TLC27L2/L4 or TS27L2/L4 in standard designs. They offer increased output dynamic range, lower noise voltage, and lower input offset voltage. This enhanced feature set allows them to be used in a wider range of applications. For applications that require higher output drive and wider input voltage ranges, see the TLV2432 and TLV2442 devices. If the design requires single amplifiers, please see the TLV2211/21/31 family. These devices are single rail-to-rail operational amplifiers in the SOT-23 package. Their small size and low power consumption, make them ideal for high density, battery-powered equipment. ORDERING INFORMATION TA VIO max AT 25 °C PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING 850 µV SOIC (D) Tape and reel TLC2252AQDREP 2252AE −40 °C to 125°C 1550 µV SOIC (D) Tape and reel TLC2252QDREP 2252EP −40 °C to 125°C 850 µV SOIC (D) Tape and reel TLC2254AQDREP TLC2254AEP 1550 µV SOIC (D) Tape and reel TLC2254QDREP TLC2254EP † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. TLC2252, TLC2252A D PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 1OUT 1IN − 1IN + VDD−/GND VDD+ 2OUT 2IN − 2IN + 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 1IN − 1IN + VDD+ 2IN + 2IN − 2OUT 4OUT 4IN − 4IN + VDD−/GND 3IN + 3IN − 3OUT TLC2254, TLC2254A D PACKAGE (TOP VIEW) |
Número de pieza similar - TLC2254A |
|
Descripción similar - TLC2254A |