Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC251ACD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC251ACD
Descripción Electrónicos  LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC251ACD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC251ACD Datasheet HTML 3Page - Texas Instruments TLC251ACD Datasheet HTML 4Page - Texas Instruments TLC251ACD Datasheet HTML 5Page - Texas Instruments TLC251ACD Datasheet HTML 6Page - Texas Instruments TLC251ACD Datasheet HTML 7Page - Texas Instruments TLC251ACD Datasheet HTML 8Page - Texas Instruments TLC251ACD Datasheet HTML 9Page - Texas Instruments TLC251ACD Datasheet HTML 10Page - Texas Instruments TLC251ACD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TLC251, TLC251A, TLC251B, TLC251Y
LinCMOS
 PROGRAMMABLE
LOW-POWER OPERATIONAL AMPLIFIERS
SLOS001F – JULY 1983 – REVISED MARCH 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MEDIUM-BIAS MODE
electrical characteristics at specified free-air temperature
TEST
TLC251C, TLC251AC, TLC251BC
PARAMETER
TEST
CONDITIONS
TA†
VDD = 5 V
VDD = 10 V
UNIT
CONDITIONS
A
MIN
TYP
MAX
MIN
TYP
MAX
TLC251C
25
°C
1.1
10
1.1
10
TLC251C
VO =1 4V
Full range
12
12
VIO
Input offset voltage
TLC251AC
VO = 1.4 V,
VIC = 0 V,
25
°C
0.9
5
0.9
5
mV
VIO
Input offset voltage
TLC251AC
IC
,
RS = 50 Ω,
R10 k
Full range
6.5
6.5
mV
TLC251BC
RL = 10 kΩ
25
°C
0.34
2
0.39
2
TLC251BC
Full range
3
3
αVIO
Average temperature coefficient of
input offset voltage
25
°C to
70
°C
1.7
2.1
µV/°C
IIO
Input offset current (see Note 4)
VO = VDD/2,
25
°C
0.1
60
0.1
60
pA
IIO
Input offset current (see Note 4)
ODD ,
VIC = VDD/2
70
°C
7
300
7
300
pA
IIB
Input bias current (see Note 4)
VO = VDD/2,
25
°C
0.6
60
0.7
60
pA
IIB
Input bias current (see Note 4)
ODD ,
VIC = VDD/2
70
°C
40
600
50
600
pA
VICR
Common-mode input voltage
25
°C
– 0.2
to
4
– 0.3
to
4.2
– 0.2
to
9
– 0.3
to
9.2
V
VICR
g
range (see Note 5)
Full range
– 0.2
to
3.5
– 0.2
to
8.5
V
V
100
V
25
°C
3.2
3.9
8
8.7
VOH
High-level output voltage
VID = 100 mV,
RL =10kΩ
0
°C
3
3.9
7.8
8.7
V
RL = 10 kΩ
70
°C
3
4
7.8
8.7
V
100
V
25
°C
0
50
0
50
VOL
Low-level output voltage
VID = – 100 mV,
IOL =0
0
°C
0
50
0
50
mV
IOL = 0
70
°C
0
50
0
50
L
i
l diff
ti l
lt
R10 k
25
°C
25
170
25
275
AVD
Large-signal differential voltage
amplification
RL = 10 kΩ,
See Note 6
0
°C
15
200
15
320
V/mV
am lification
See Note 6
70
°C
15
140
15
230
25
°C
65
91
65
94
CMRR
Common-mode rejection ratio
VIC = VICRmin
0
°C
60
91
60
94
dB
70
°C
60
92
60
94
S
l
lt
j
ti
ti
V
5Vt 10 V
25
°C
70
93
70
93
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO =1 4V
0
°C
60
92
60
92
dB
(
∆VDD/∆VIO)
VO = 1.4 V
70
°C
60
94
60
94
II(SEL) Input current (BIAS SELECT)
VI(SEL) = VDD/2
25
°C
– 130
– 160
nA
VO = VDD/2,
25
°C
105
280
143
300
IDD
Supply current
VO VDD/2,
VIC = VDD/2,
Nl
d
0
°C
125
320
173
400
µA
No load
70
°C
85
220
110
280
† Full range is 0
°C to 70°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.
6. At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 10 V, VO = 1 V to 6 V.


Número de pieza similar - TLC251ACD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC251ACD TI-TLC251ACD Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results

Descripción similar - TLC251ACD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC271 TI-TLC271_V01 Datasheet
2Mb / 84P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC251CDRG4 TI1-TLC251CDRG4 Datasheet
616Kb / 22P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271PS-M TI-TLC271PS-M Datasheet
1Mb / 83P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_V01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com