Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC1550INW Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TLC1550INW
Descripción Electrónicos  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1550INW Datasheet(HTML) 4 Page - Texas Instruments

  TLC1550INW Datasheet HTML 1Page - Texas Instruments TLC1550INW Datasheet HTML 2Page - Texas Instruments TLC1550INW Datasheet HTML 3Page - Texas Instruments TLC1550INW Datasheet HTML 4Page - Texas Instruments TLC1550INW Datasheet HTML 5Page - Texas Instruments TLC1550INW Datasheet HTML 6Page - Texas Instruments TLC1550INW Datasheet HTML 7Page - Texas Instruments TLC1550INW Datasheet HTML 8Page - Texas Instruments TLC1550INW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TLC1550I, TLC1550M, TLC1551I
10BIT ANALOGTODIGITAL CONVERTERS
WITH PARALLEL OUTPUTS
SLAS043G − MAY 1991 − REVISED NOVEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD1, VDD2, and VDD3 (see Note 1)
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (any input)
−0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
−0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak input current (any digital input)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak total input current (all inputs)
±30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC1550I, TLC1551I
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . .
TLC1550M
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds: FK or FN package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds: J or NW package
260
°C
. . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: VDD1 is the voltage measured at DGTL VDD1 with respect to DGND1. VDD2 is the voltage measured at DGTL VDD2 with respect to the
DGND2. VDD3 is the voltage measured at ANLG VDD with respect to AGND. For these specifications, all ground terminals are tied
together (and represent 0 V). When VDD1, VDD2, and VDD3 are equal, they are referred to simply as VDD.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD1, VDD2, VDD3
4.75
5
5.5
V
Positive reference voltage, VREF+ (see Note 2)
VDD3
V
Negative reference voltage, VREF− (see Note 2)
0
V
Differential reference voltage, VREF+ − VREF − (see Note 2)
VDD3
V
Analog input voltage range
0
VDD3
V
High-level control input voltage, VIH
2
V
Low-level control input voltage, VIL
0.8
V
Input clock frequency, f(CLKIN)
0.5
7.8
MHz
Setup time, CS low before WR or RD goes low, tsu(CS)
0
ns
Hold time, CS low after WR or RD goes high, th(CS)
0
ns
WR or RD pulse duration, tw(WR)
50
ns
Input clock low pulse duration, tw(L−CLKIN)
40% of
period
80% of
period
Operating free-air temperature, TA
TLC155xI
−40
85
°C
Operating free-air temperature, TA
TLC1550M
−55
125
°C
NOTE 2: Analog input voltages greater than that applied to REF+ convert to all 1s (1111111111), while input voltages less than that applied to
REF − convert to all 0s (0000000000). The total unadjusted error may increase as this differential voltage falls below 4.75 V.


Número de pieza similar - TLC1550INW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC1550INW TI-TLC1550INW Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550INW TI-TLC1550INW Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550INW TI1-TLC1550INW Datasheet
329Kb / 17P
[Old version datasheet]   Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
More results

Descripción similar - TLC1550INW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC876M TI-TLC876M_07 Datasheet
383Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876M TI-TLC876M Datasheet
314Kb / 23P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876 TI1-TLC876 Datasheet
346Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com