Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC2555IDGK Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC2555IDGK
Descripción Electrónicos  5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2555IDGK Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC2555IDGK Datasheet HTML 7Page - Texas Instruments TLC2555IDGK Datasheet HTML 8Page - Texas Instruments TLC2555IDGK Datasheet HTML 9Page - Texas Instruments TLC2555IDGK Datasheet HTML 10Page - Texas Instruments TLC2555IDGK Datasheet HTML 11Page - Texas Instruments TLC2555IDGK Datasheet HTML 12Page - Texas Instruments TLC2555IDGK Datasheet HTML 13Page - Texas Instruments TLC2555IDGK Datasheet HTML 14Page - Texas Instruments TLC2555IDGK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TLC2551, TLC2552, TLC2555
5-V, LOW-POWER, 12-BIT, 175/360 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS276D – MARCH 2000 – REVISED MAY 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ac specifications (fi = 20 kHz)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINAD
Signal-to-noise ratio + distortion
400 KSPS, VDD = VREF = 5 V
70
72
dB
THD
Total harmonic distortion
400 KSPS, VDD = VREF = 5 V
–84
–80
dB
ENOB
Effective number of bits
400 KSPS, VDD = VREF = 5 V
11.8
bits
SFDR
Spurious free dynamic range
400 KSPS, VDD = VREF = 5 V
–84
–80
dB
Analog Input
Full-power bandwidth, –3 dB
1
MHz
Full-power bandwidth, –1 dB
500
kHz
external reference specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference input voltage
VDD = 4.5 V to 5.5 V
2
VDD
V
Reference input impedance
V5 5 V
CS = 1,
SCLK = 0
100
M
Reference input impedance
VDD = 5.5 V
CS = 0,
SCLK = 20 MHz
20
25
k
Reference current
VDD = VREF = 5.5 V
100
400
µA
Reference input capacitance
VV
5 5 V
CS = 1,
SCLK = 0
5
15
pF
Reference input capacitance
VDD = VREF = 5.5 V
CS = 0,
SCLK = 20 MHz
20
45
50
pF
VREF
Reference voltage
VDD = 4.5 V to 5.5 V
VDD
V
dc specification, VDD = VREF = 4.5 V to 5.5 V, SCLK frequency = 20 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INL
Integral linearity error (see Note 4)
±0.6
±1
LSB
DNL
Differential linearity error
See Note 3
±0.5
±1
LSB
E
Offset error (see Note 5)
See Note 3
TLC2551/52
±1.5
LSB
EO
Offset error (see Note 5)
See Note 3
TLC2555
±2.5
LSB
E
Gain error (see Note 5)
See Note 3
TLC2551/52
±2
LSB
EG
Gain error (see Note 5)
See Note 3
TLC2555
±5
LSB
E
Total unadjusted error (see Note 6)
See Note 3
TLC2551/52
±2
LSB
Et
Total unadjusted error (see Note 6)
See Note 3
TLC2555
±5
LSB
NOTES:
3. Analog input voltages greater than that applied to VREF convert as all ones (111111111111).
4. Linear error is the maximum deviation from the best straight line through the A/D transfer characteristics.
5. Zero error is the difference between 000000000000 and the converted output for zero input voltage: full-scale error is the difference
between 111111111111 and the converted output for full-scale input voltage.
6. Total unadjusted error comprises linearity, zero, and full-scale errors.


Número de pieza similar - TLC2555IDGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2555IDGK TI-TLC2555IDGK Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Descripción similar - TLC2555IDGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com