Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UA7805CKCSE3 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
UA7805CKCSE3 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 29 page uA7805, uA7808, uA7810 uA7812, uA7815, uA7824 SLVS056P – MAY 1976 – REVISED JANUARY 2015 www.ti.com 7 Specifications 7.1 Absolute Maximum Ratings over virtual junction temperature range (unless otherwise noted) MIN MAX UNIT μA7824C 40 Vl Input voltage V All others 35 TJ Operating virtual junction temperature 150 °C Lead temperature 1,6 mm (1/16 in) from case for 10 s 260 °C Tstg Storage temperature range –65 150 °C 7.2 ESD Ratings VALUE UNIT Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) 3000 V(ESD) Electrostatic discharge V Charged device model (CDM), per JEDEC specification JESD22-C101, 2000 all pins(2) (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.3 Recommended Operating Conditions MIN MAX UNIT μA7805 7 25 μA7808 10.5 25 μA7810 12.5 28 Vl Input voltage V μA7812 14.5 30 μA7815 17.5 30 μA7824 27 38 IO Output current 1.5 A TJ Operating virtual junction temperature 0 125 °C 7.4 Thermal Information μA78XX KTE KCS, KCT, KTT THERMAL METRIC(1) UNIT KC 3 PINS 3 PINS 3 PINS RθJA Junction-to-ambient thermal resistance 23 19 25.3 RθJC(top) Junction-to-case (top) thermal resistance 3 17 18 °C/W RθJP(top) Junction-to-exposed-pad thermal resistance 2.7 3 1.94 (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953). 4 Submit Documentation Feedback Copyright © 1976–2015, Texas Instruments Incorporated Product Folder Links: uA7805 uA7808 uA7810 uA7812 uA7815 uA7824 |
Número de pieza similar - UA7805CKCSE3 |
|
Descripción similar - UA7805CKCSE3 |