Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UC3517N Datasheet(PDF) 5 Page - Texas Instruments |
|
UC3517N Datasheet(HTML) 5 Page - Texas Instruments |
5 / 12 page UC1517 UC3517 For applications requiring very fast step rates, a zener diode permits windings to discharge at higher voltages, and higher rates. Driver transistor breakdown must be considered when selecting Vss and zener voltage to insure that the outputs will not overshoot past 40V. If the zener diodes are not used and UC3610 pin 2 is connected directly to Vss then higher Vss can be used. Figure 6. Bilevel Motor Driver Figure 5. Logic Flow Graph 5 |
Número de pieza similar - UC3517N |
|
Descripción similar - UC3517N |