Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2826 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza UC2826
Descripción Electrónicos  Secondary Side Average Current Mode Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC2826 Datasheet(HTML) 3 Page - Texas Instruments

  UC2826 Datasheet HTML 1Page - Texas Instruments UC2826 Datasheet HTML 2Page - Texas Instruments UC2826 Datasheet HTML 3Page - Texas Instruments UC2826 Datasheet HTML 4Page - Texas Instruments UC2826 Datasheet HTML 5Page - Texas Instruments UC2826 Datasheet HTML 6Page - Texas Instruments UC2826 Datasheet HTML 7Page - Texas Instruments UC2826 Datasheet HTML 8Page - Texas Instruments UC2826 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
UC1826
UC2826
UC3826
ELECTRICAL CHARACTERISTICS: Unless otherwise stated these specifications apply for TA = –55°C to +125°C for
UC1826; –40°C to +85°C for UC2826; and 0°C to +70°C for UC3826; VCC = 12V, VEE = GND, Output no load, CT = 345pF,
RT = 4k , RDEAD = 1000 , CRAMP = 345pF, RRAMP = 35.2k ,RCLKSYN = 1k, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Error Amplifier (cont.)
GBW (Note 2)
f = 200kHz
7
MHz
Vol
IO = 175mA, Volts above VEE
0.6
V
Voh
ILIM = 3V
2.85
3
3.15
V
Voh-ILIM
Tested ILIM = 0.5V, 1.0V, 2.0V
–100
100
mV
2X Amplifier and Share Amplifier
V offset (b; y = mx + b)
20
mV
GAIN (m; y = mx + b)
Slope with AVOUT = 1V and 2V
1.98
2.02
V
GBW (Note 2)
100
kHZ
RSHARE
VCC = 0, VSHARE/ISHARE
200
k
Total Offset
Negative supply is VEE, GND Open,VAO = GND
–75
0
75
mV
Vol
VAO = Voltage Amp Vol, Volts above VEE
0.2
0.45
0.6
V
Voh
IO = 0mA, ILIM = 3V, VAO = Voltage Amp Voh
5.7
6
6.3
V
IO = –1mA, ILIM = 3V, VAO = Voltage Amp Voh
5.7
6
6.3
V
Adjust Amplifier
Vio
40
60
80
mV
gm
IO = –2 A to 2 A, CADJ = 0.1 F
–0.1
–0.3
mS
Vol
IOUT = 0
0.9
1
1.1
v
IOUT = 2 A
0.85
1
1.15
V
Voh
IOUT = 0, VSHARE = 6.5V
5.7
6
6.3
V
IOUT = –2 A, VSHARE = 6.5V
5.7
6
6.3
V
Oscillator
Frequency
450
500
550
kHz
Max Duty Cycle
72
76
80
%
OSC Ramp Amplitude
2
2.2
2.4
V
Ramp Saturation
IO = 10mA, OSC = 0V
0.44
0.8
V
Clock Driver/SYNC (CLKSYN)
Vol
0.02
0.2
V
Voh
3.6
V
RCLKSYN = 200
3.5
V
ISOURCE
25
mA
RCLKSYN
VCC = 0, VCLKSYN/ICLKSYN
10
k
VTH
1.5
V
VREF Comparator
Turn-on Threshold
4.65
V
Hysteresis
0.4
V
VCC Comparator
Turn-on Threshold
7.9
8.4
8.9
V
Hysteresis
0.4
V
PWR Sense Comparator
Voltage Threshold
1.25
V
Vol
IO = 1mA
0.3
0.4
V
Voh
IO = –100 A4
V
KILL Comparator
Voltage Threshold
3V


Número de pieza similar - UC2826

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2826 TI-UC2826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
More results

Descripción similar - UC2826

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com