Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3711QTR Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza UC3711QTR
Descripción Electrónicos  Dual Ultra High-Speed FET Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC3711QTR Datasheet(HTML) 2 Page - Texas Instruments

  UC3711QTR Datasheet HTML 1Page - Texas Instruments UC3711QTR Datasheet HTML 2Page - Texas Instruments UC3711QTR Datasheet HTML 3Page - Texas Instruments UC3711QTR Datasheet HTML 4Page - Texas Instruments UC3711QTR Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
UC1711
UC3711
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, VCC = 15V. TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
Supply Current (Note 3)
Both inputs = 0V; VCC = 15V
11
15
mA
Both inputs = 5V; VCC= 15V
20
27
mA
Both inputs = 0V; VCC= 35V
15
20
mA
Both inputs = 5V; VCC= 35V
41
56
mA
Logic Inputs
Logic 0 Input Voltage
0.8
V
Logic 1 Input Voltage
2.2
V
Input Current
VIN = 0V
-5.0
-2.7
mA
VIN = 5V
0.5
2.0
mA
Output Stages
Output High Level
ISOURCE = 20mA, below VCC
1.5
2.0
V
ISOURCE = 200mA, below VCC
2.0
3.0
V
Output Low Level
ISINK = 20mA
.25
0.4
V
ISINK = 200mA
0.4
1.0
V
Switching Characteristics (Note 4)
Rise Time Delay, TPLH
CLOAD = 0
10
40
ns
CLOAD = 1000pF, (Note 5)
15
50
ns
CLOAD= 2200pF
20
55
ns
Fall Time Delay, TPHL
CLOAD = 0
3
20
ns
CLOAD = 1000pf, (Note 5)
5
20
ns
CLOAD = 2200pF
5
20
ns
Rise Time, TLH
CLOAD = 0, (Note 5)
12
25
ns
CLOAD = 1000pF, (Note 5)
25
40
ns
CLOAD = 2200pF
40
55
ns
Fall Time, THL
CLOAD = 0, (Note 5)
7
15
ns
CLOAD = 1000pF, (Note 5)
25
40
ns
CLOAD= 2200pF
40
55
ns
Total Supply Current
Freq = 200kHz, 50% Duty-cycle
Both Channels Switching
CLOAD = 0
17
23
mA
CLOAD = 2200pF
29
35
mA
Note 3: Supply currents at other input supply votages can be calculated by extrapolating the 15V and 35V supply currents. The im-
pedance of the chip at the VCC pin is linear for supply voltages from 8V to 35V, the approximate value of this impedance is 4.3k for
both inputs low, 0.94k for both inputs high, and 1.54k for one input high and one low.
Note 4: Switching test conditions are, VCC = 15V, Input voltage waveform levels are 0V and 5V, with transition times of <3ns. The
timing terms are defined as : TPHL Propagation delay 50% VIN to 90% VOUT; TPLH Propogation delay 50% VIN to 10% VOUT; THL
90% VOUT to 10% VOUT; TLH 10% VOUT to 90% VOUT.
Note 5: This specification not tested in production.Unless otherwise stated specifications hold for TA = 0 to 70°C for the UC3711,
and TA = -55 to 125°C for the UC1711, VCC = 15V. TA = TJ.
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 FAX (603) 424-3460


Número de pieza similar - UC3711QTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC3711 TI-UC3711 Datasheet
47Kb / 3P
[Old version datasheet]   Dual Ultra High-Speed FET Driver
UC3711J TI-UC3711J Datasheet
47Kb / 3P
[Old version datasheet]   Dual Ultra High-Speed FET Driver
UC3711N TI-UC3711N Datasheet
47Kb / 3P
[Old version datasheet]   Dual Ultra High-Speed FET Driver
More results

Descripción similar - UC3711QTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1711 TI-UC1711 Datasheet
47Kb / 3P
[Old version datasheet]   Dual Ultra High-Speed FET Driver
UC1709 TI-UC1709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
UC1709J TI1-UC1709J Datasheet
553Kb / 6P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
logo
Microsemi Corporation
SG1644 MICROSEMI-SG1644 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626_1 Datasheet
249Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644_1 Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
logo
M.S. Kennedy Corporatio...
MSK450Q MSK-MSK450Q Datasheet
242Kb / 5P
   DUAL ULTRA HIGH SPEED AMPLIFIER
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com