Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2525AM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UC2525AM
Descripción Electrónicos  REGULATING PULSE WIDTH MODULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC2525AM Datasheet(HTML) 9 Page - Texas Instruments

Back Button UC2525AM Datasheet HTML 5Page - Texas Instruments UC2525AM Datasheet HTML 6Page - Texas Instruments UC2525AM Datasheet HTML 7Page - Texas Instruments UC2525AM Datasheet HTML 8Page - Texas Instruments UC2525AM Datasheet HTML 9Page - Texas Instruments UC2525AM Datasheet HTML 10Page - Texas Instruments UC2525AM Datasheet HTML 11Page - Texas Instruments UC2525AM Datasheet HTML 12Page - Texas Instruments UC2525AM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
Shutdown Options (See Block Diagram)
RD = 0
CT = .01 µF
CT = .02 µF
CT = .05 µF
CT = 0.1 µF
CT = 1 nF
CT = 5 nF
CT = 2 nF
6
5
7
RT
RD
CT
200
100
50
20
10
5
2
1 2
5 10
20 50 100 200 1ms 2ms 5ms10ms
Charge Time − ms
500
400
300
200
100
0
0.2
0.5
1
2
5
10
20
50 100 200
Charge Time − ms
CT = 1 nF
CT = 2 nF
CT = 5 nF
CT = .01 µF
CT = .05 µF
CT = 0.1 µF
CT = .02 µF
125
°C
25
°C
−55
°C
Max RD For a Given RT,
Min RT For a Given RD
500
400
300
200
100
0
2
4
6
8
10
12
Minimum Recommended RT − kW
RL = ∞
RL = 1 MΩ
RL = 300 kΩ
RL = 100 kΩ
RL = 30 kΩ
Voltage Gain
Phase
80
60
40
20
0
100
1 k
10 k
100 k
1 M
10 M
f − Frequency − Hz
−360
°
−270
°
−180
°
VIN = 20 V,
TJ = 25°C
UC1525A, UC1527A
UC2525A, UC2527A
UC3525A, UC3527A
SLUS191C – FEBRUARY 1997 – REVISED JANUARY 2008
PRINCIPLES OF OPERATION AND TYPICAL CHARACTERISTICS (continued)
Since both the compensation and soft-start terminals (Pins 9 and 8) have current source pull-ups, either can
readily accept a pull-down signal which only has to sink a maximum of 100 A to turn off the outputs. This is
subject to the added requirement of discharging whatever external capacitance may be attached to these pins.
An alternate approach is the use of the shutdown circuitry of Pin 10 which has been improved to enhance the
available shutdown options. Activating this circuit by applying a positive signal on Pin 10 performs two functions;
the PWM latch is immediately set providing the fastest turn-off signal to the outputs; and a 150-A current sink
begins to discharge the external soft-start capacitor. If the shutdown command is short, the PWM signal is
terminated without significant discharge of the soft-start capacitor, thus, allowing, for example, a convenient
implementation of pulse-by-pulse current limiting. Holding Pin 10 high for a longer duration, however, will
ultimately discharge this external capacitor, recycling slow turn-on upon release.
Pin 10 should not be left floating as noise pickup could conceivably interrupt normal operation. All transitions of
the voltage on pin 10 should be within the time frame of one clock cycle and not repeated at a frequency higher
than 10 clock cycles.
Oscillator Charge Time vs RT and CT
Oscillator Discharge Time vs RT CT
Figure 8.
Figure 9.
Maximum Value RD vs Minimum Value RT
Error Amplifier Voltage Gain and Phase vs Frequency
Figure 10.
Figure 11.
Copyright © 1997–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UC1525A, UC1527A UC2525A, UC2527A UC3525A, UC3527A


Número de pieza similar - UC2525AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2525A TI-UC2525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
UC2525A TI-UC2525A Datasheet
345Kb / 13P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525A TI1-UC2525A Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525ADW TI-UC2525ADW Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
UC2525ADW TI1-UC2525ADW Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

Descripción similar - UC2525AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com