Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC151E Datasheet(PDF) 6 Page - Texas Instruments |
|
|
CD74HC151E Datasheet(HTML) 6 Page - Texas Instruments |
6 / 12 page 6 Enable to YCL = 50pF CL = 50pF 4.5 - - 36 - 46 - 54 ns CL =15pF CL =15pF 5 15 - - - - - - ns Output Transition Time tTLH, tTHL CL = 50pF 4.5 - - 15 - 19 - 22 ns Input Capacitance CIN - - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 3, 4) CPD - 5 58 ----- pF NOTES: 3. CPD is used to determine the dynamic power consumption, per gate. 4. PD = VCC 2 f i (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage. Switching Specifications Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX Test Circuit and Waveform FIGURE 1. ENABLE SELECT In Y OUTPUT tPHL tPLH Y OUTPUT INPUT LEVEL GND VS tTLH tTHL tPHL tPLH 10% 90% VS tf = 6ns tr = 6ns tTLH tTHL 10% 90% VS CD54HC151, CD74HC151, CD54HCT151, CD74HCT151 |
Número de pieza similar - CD74HC151E |
|
Descripción similar - CD74HC151E |