Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3177 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza UC3177
Descripción Electrónicos  Full Bridge Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC3177 Datasheet(HTML) 1 Page - Texas Instruments

  UC3177 Datasheet HTML 1Page - Texas Instruments UC3177 Datasheet HTML 2Page - Texas Instruments UC3177 Datasheet HTML 3Page - Texas Instruments UC3177 Datasheet HTML 4Page - Texas Instruments UC3177 Datasheet HTML 5Page - Texas Instruments UC3177 Datasheet HTML 6Page - Texas Instruments UC3177 Datasheet HTML 7Page - Texas Instruments UC3177 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UC3176
UC3177
SLUS285A - OCTOBER 1994 - REVISED JANUARY 2005
FEATURES
• Dual Power Operational Amplifiers
• ±2A Output Current Guaranteed
• Precision Current Sense Amplifier
• Two Supply Monitoring Inputs
• Parking Function and Under-Voltage
Lockout
• Safe Operating Area Protection
• 3V to 35V Operation
Full Bridge Power Amplifier
BLOCK DIAGRAM
DESCRIPTION
The UC3176/7 family of full bridge power amplifiers is rated for a continu-
ous output current of 2A. Intended for use in demanding servo applica-
tions such as disk head positioning, the onboard current sense amplifier
can be used to obtain precision control of load current, or where voltage
mode drive is required, a standard voltage feedback scheme can be used.
Output stage protection includes foldback current limiting and thermal
shutdown, resulting in a very rugged device.
Auxiliary functions on this device include a dual input under-voltage com-
parator that can be programmed to respond to low voltage conditions on
two independent supplies. In response to an under-voltage condition the
power Op-Amps are inhibited and a high current, 100mA, open collector
drive output is activated. A separate Park/Inhibit command input.
The devices are operational over a 3V to 35V supply range. Internal un-
der-voltage lockout provides predictable power-up and power-down char-
acteristics.


Número de pieza similar - UC3177

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC3177 TI-UC3177 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
More results

Descripción similar - UC3177

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC3176 TI-UC3176 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
[Old version datasheet]   Full Bridge Power Amplifier
UC3172A TI1-UC3172A Datasheet
486Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI-UC3173A Datasheet
489Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
[Old version datasheet]   Full-Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
logo
Advanced Analogic Techn...
AAT4901 ANALOGICTECH-AAT4901 Datasheet
1Mb / 16P
   Buffered Power Full-Bridge
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
316Kb / 5P
   Full Bridge or Single Ended Audio Amplifier
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
   Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com