Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UC2854BN Datasheet(PDF) 8 Page - Texas Instruments |
|
|
UC2854BN Datasheet(HTML) 8 Page - Texas Instruments |
8 / 18 page www.ti.com FUNCTIONAL DESCRIPTION Multiply/Square and Divide The UC3854A/B multiplier design maintains the same gain constant 1 K V - æ ö = ç ÷ è ø as the UC3854. The ( ) ( )2 1 5 VAO MOUT IAC VRMS V . V I I K V - = ´ ´ (1) 270 1 414 1 53 250 IAC . R . M A m ´ = = W (2) UC1854A UC2854A, UC2854B UC3854A, UC3854B SLUS329E – MONTH 2003 – REVISED JANUARY 2008 The UC3854A and UC3854B family of products are designed as pin compatible upgrades to the industry standard UC3854 active power factor correction circuits. The circuit enhancements allow the user to eliminate in most cases several external components currently required to successfully apply the UC3854. In addition, linearity improvements to the multiply, square and divide circuitry optimizes overall system performance. Detailed descriptions of the circuit enhancements are provided below. For in-depth design applications reference data refer to the application notes, UC3854 Controlled Power Factor Correction Circuit Design (SLUA144) and UC3854A and UC3854B Advanced Power Factor Correction Control ICs (SLUA177). relationship between the inputs and output current is given as: This is nearly the same as the UC3854, but circuit differences have improved the performance and application. The first difference is with the IAC input. The UC3854A/B regulated this pin voltage to the nominal 500 mV over the full operating temperature range, rather than the 6.0 V used on the UC3854. The low offset voltage eliminates the need for a line zero crossing compensating resistor to VREF from IAC that UC3854 designs require. The maximum current at high line into IAC should be limited to 250 µA for best performance. Therefore, if VVAC(max) = 270 V, The VRMS pin linear operating range is improved with the UC3854A/B as well. The input range for VRMS extends from 0 V to 5.5 V. Since the UC3854A squaring circuit employs an analog multiplier, rather than a linear approximation, accuracy is improved, and discontinuities are eliminated. The external divider network connected to VRMS should produce 1.5 V at low line (85 VAC). This puts 4.77 V on VRMS at high line (270 VAC) which is well within its operating range. The voltage amplifier output forms the third input to the multiplier and is internally clamped to 6.0 V. This eliminated an external zener clamp often used in UC3854 designs. The offset voltage at this input to the multiplier has been raised on the UC3854A/B to 1.5 V. The multiplier output pin, which is also common to the current amplifier non-inverting input, has a –0.3 V to 5.0 V output range, compared to the –0.3 V to 2.5 V range of the UC3854. This improvement allows the UC3854A/B to be used in applications where the current sense signal amplitude is very large. 8 Submit Documentation Feedback Copyright © 2003–2008, Texas Instruments Incorporated Product Folder Link(s): UC1854A UC2854A, UC2854B UC3854A, UC3854B |
Número de pieza similar - UC2854BN |
|
Descripción similar - UC2854BN |