Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST16C450CJ44 Datasheet(PDF) 1 Page - Exar Corporation

No. de pieza ST16C450CJ44
Descripción Electrónicos  UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C450CJ44 Datasheet(HTML) 1 Page - Exar Corporation

  ST16C450CJ44 Datasheet HTML 1Page - Exar Corporation ST16C450CJ44 Datasheet HTML 2Page - Exar Corporation ST16C450CJ44 Datasheet HTML 3Page - Exar Corporation ST16C450CJ44 Datasheet HTML 4Page - Exar Corporation ST16C450CJ44 Datasheet HTML 5Page - Exar Corporation ST16C450CJ44 Datasheet HTML 6Page - Exar Corporation ST16C450CJ44 Datasheet HTML 7Page - Exar Corporation ST16C450CJ44 Datasheet HTML 8Page - Exar Corporation ST16C450CJ44 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
• (510) 668-7000 • FAX (510) 668-7017
ST16C450
Rev. 4.20
PLCC Package
UNIVERSAL ASYNCHRONOUS
RECEIVER/TRANSMITTER (UART)
GENERAL DESCRIPTION
The ST16C450 is a universal asynchronous receiver
and transmitter. The ST16C450 is an improved ver-
sion of the NS16450 UART with higher operating
speed and lower access time. A programmable baud
rate generator is provided to select transmit and
receive clock rates from 50 Bps to 1.5 Mbps.
The ST16C450 on board status registers provides the
error
conditions, type and status of the transfer
operation being performed. Included is complete
MODEM control capability, and a processor interrupt
system that may be software tailored to the user’s
requirements. The ST16C450 provides internal loop-
back capability for on board diagnostic testing.
The ST16C450 is available in 40 pin PDIP, 44 pin
PLCC, and 48 pin TQFP packages. It is fabricated in
an advanced CMOS process to achieve low drain
power and high speed requirements.
FEATURES
• Pin to pin and functionally compatible to the Indus-
try Standard 16450
• 2.97 to 5.5 volt operation
• 1.5 Mbps transmit/receive operation (24MHz)
• Programmable word lengths (5, 6, 7, 8)
• Even, odd, force, or no parity generation and
detection
• Independent transmit and receive control
• Standard modem interface
• Low operating current ( 1.2mA typ.)
ORDERING INFORMATION
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
D5
D6
D7
RCLK
RX
N.C.
TX
CS0
CS1
-CS2
-BAUDOUT
RESET
-OP1
-DTR
-RTS
-OP2
N.C.
INT
N.C.
A0
A1
A2
ST16C450CJ44
Part number
Package
Operating temperature
Device Status
ST16C450CP40
40-Lead PDIP
0° C to + 70° C
Active. See the ST16C450CQ48 for new designs.
ST16C450CJ44
44-Lead PLCC
0° C to + 70° C
Active
ST16C450CQ48
48-Lead TQFP
0° C to + 70° C
Active
ST16C450IP40
40-Lead PDIP
-40° C to + 85° C
Active. See the ST16C450IQ48 for new designs.
ST16C450IJ44
44-Lead PLCC
-40° C to + 85° C
Active
ST16C450IQ48
48-Lead TQFP
-40° C to + 85° C
Active
September 2003


Número de pieza similar - ST16C450CJ44

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452 EXAR-ST16C452 Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68 EXAR-ST16C452CJ68 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68 EXAR-ST16C452CJ68 Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68PS EXAR-ST16C452CJ68PS Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
More results

Descripción similar - ST16C450CJ44

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
92Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com